Electronic Components Datasheet Search
  English  ▼

X  

FTD2114K Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD2114K
Description  Epitaxial planar type NPN silicon transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD2114K Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD2114K Datasheet HTML 1Page - First Silicon Co., Ltd FTD2114K Datasheet HTML 2Page - First Silicon Co., Ltd FTD2114K Datasheet HTML 3Page - First Silicon Co., Ltd FTD2114K Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Epitaxial planar type
NPN silicon transistor
Features
1) High DC current gain.
hFE = 1200 (Typ.)
2) High emitter-base voltage.
VEBO =12V (Min.)
3) Low VCE(sat).
VCE (sat) = 0.18V (Typ.)
(IC / IB = 500mA / 20mA)
1
BASE
2
EMITTER
COLLECTOR
3
Absolute maximum ratings (Ta=25
°C)
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
25
V
V
V
A(DC)
W
C
C
20
12
0.5
A(Pulse)
1
0.2
150
−55∼+150
Symbol
Limits
Unit
Single pulse Pw
=100ms
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
Min.
25
20
12
−
−
−
−
−
−
−
−
−
−
0.18
350
8.0
−
−
−
0.5
0.5
0.4
−
−
V
IC
=10µA
IC
=1mA
IE
=10µA
VCB
=20V
VEB
=10V
IC/IB
=500mA/20mA
VCE
=10V, IE=−50mA, f=100MHz
VCB
=10V, IE=0A, f=1MHz
V
V
µA
µA
hFE
820
−
2700
VCE
=3V, IC=10mA
−
V
MHz
pF
Ron
−
0.8
−
IB
=1mA, Vi=100mV(rms), f=1kHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Output On-resistance
Measured using pulse current
hFE Values Classification, Device Marking and Ordering Information
Device
hFE
Marking
Shipping
FTD2114KVLT1G
820~1800
BV
3000/Tape&Reel
FTD2114KVLT3G
820~1800
BV
10000/Tape&Reel
FTD2114KWLT1G
1200~2700
BW
3000/Tape&Reel
FTD2114KWLT3G
1200~2700
BW
10000/Tape&Reel
4) We declare that the material of product compliance with RoHS requirements.
SOT– 23
1
3
2
SEMICONDUCTOR
TECHNICAL DATA
FTD2114K
2008. 02. 18
1/4
Revision No : 0


Similar Part No. - FTD2114K

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD2118 FS-FTD2118 Datasheet
330Kb / 2P
TRANSISTOR (NPN)
FTD2118I FS-FTD2118I Datasheet
354Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - FTD2114K

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR510EF AUK-SUR510EF Datasheet
48Kb / 3P
Epitaxial Planar Type NPN Silicon Transistor
SUR542EF AUK-SUR542EF Datasheet
186Kb / 4P
Epitaxial Planar Type NPN Silicon Transistor
SUR543J AUK-SUR543J Datasheet
172Kb / 3P
Epitaxial Planar Type NPN Silicon Transistor
SUR566EF AUK-SUR566EF Datasheet
168Kb / 3P
Epitaxial Planar Type NPN Silicon Transistor
SUT485J AUK-SUT485J Datasheet
218Kb / 4P
Epitaxial Planar type NPN Silicon Transistor
logo
Toshiba Semiconductor
MT3S05T TOSHIBA-MT3S05T Datasheet
86Kb / 3P
TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S07S TOSHIBA-MT3S07S Datasheet
112Kb / 2P
TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
logo
Sanyo Semicon Device
2SC3173 SANYO-2SC3173 Datasheet
47Kb / 1P
NPN Epitaxial Planar Type Silicon Transistor
logo
Leshan Radio Company
L2SD2114KLT1 LRC-L2SD2114KLT1 Datasheet
78Kb / 4P
Epitaxial planar type NPN silicon transistor
logo
KEC(Korea Electronics)
KTC2874 KEC-KTC2874_03 Datasheet
405Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com