Electronic Components Datasheet Search
  English  ▼

X  

FTD2114K Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTD2114K
Description  Epitaxial planar type NPN silicon transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD2114K Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTD2114K Datasheet HTML 1Page - First Silicon Co., Ltd FTD2114K Datasheet HTML 2Page - First Silicon Co., Ltd FTD2114K Datasheet HTML 3Page - First Silicon Co., Ltd FTD2114K Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMITTER CURRENT : IE
(mA)
Fig.10 Gain bandwidth product vs.
emitter current
-1 -2
-5 -10 -20 -50 -100 -200 -500-1000
10000
5000
2000
500
200
1000
100
20
50
10
Ta=25°C
VCE=10V
Measured using
pulse current.
0.1 0.2 0.5 1
2
5 10 20
50 100
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.11 Collector output capacitance
vs. collector-base voltage
100
200
500
1000
10
20
50
2
5
1
Ta=25°C
f=1MHz
IE=
0A
0.01 0.02 0.05 0.1 0.2 0.5 1
2
5 10
BASE CURRENT : IB
(mA)
Fig.12 Output-on resistance vs.
base current
0.1
0.2
0.5
1
2
5
10
20
50
100
Ta=25°C
f=1kHz
Vi=100mV(rms)
RL=1kΩ
Ron measurement circuit
Ron=
×
RL
v0
v0
vi−v0
RL=1kΩ
IB
Output
Input
1kHz
100mV(rms)
vi
V
2008. 2. 18
3/4
Revision No : 0
FTD2114K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com