Electronic Components Datasheet Search
  English  ▼

X  

FTD669A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD669A
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD669A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD669A Datasheet HTML 1Page - First Silicon Co., Ltd FTD669A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 04. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTD669/A
Revision No : 0
1 EMITTER
2 COLLECTOR
3 BASE
TO-126
A
B
DIM
MILLIMETERS
8.3 MAX
A
B
11.3±0.3
C
C
4.15 TYP
D
D
3.2±0.2
E
E
2.0±0.2
F
F
2.8±0.1
G
3.2±0.1
G
H
H
1.27±0.1
I
I
1.40±0.1
K
K
15.5±0.2
L
L
0.76±0.1
M
M
2.28 TYP
O
P
O
4.56±0.1
P
0.6 MAX
1
2
3
66
A TRANSISTOR (NPN)
FEATURES
Low Frequency Power AmplifierComplementary Pair
with FTB649/A
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector- Base Voltage
180
V
VCEO
Collector-Emitter Voltage
FTD669
FTD669A
120
160
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1.5
A
PC
Collector Dissipation
1
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA, IE
V
0
8
1
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA, IB=0
FTD669
FTD669A
120
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA, IC
V
5
0
=
Collector cut-off current
ICBO
VCB=160V, IE
A
µ
0
1
0
=
Emitter cut-off current
IEBO
VEB=4V, IC
A
µ
0
1
0
=
hFE(1)
VCE=5V, IC=150mA
FTD669
FTD669A
60
60
320
200
DC current gain
hFE(2)
VCE=5V, IC=500mA
30
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
1
V
Base-emitter voltage
VBE
VCE=5V, IC=150mA
1.5
V
Transition frequency
fT
VCE=5V, IC=150mA
140
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
14
pF
CLASSIFICATION OF
hFE(1)
D
C
B
k
n
a
R
Range
FTD669
60-120
100-200
160-320
FTD669A
60-120
100-200


Similar Part No. - FTD669A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD6810 FS-FTD6810 Datasheet
751Kb / 16P
1.5MHz 0.8A Synchronous Step-Down Regu ator
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
FTD6811T FS-FTD6811T Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
FTD6817 FS-FTD6817 Datasheet
1Mb / 16P
1.5MHz 2.0A Synchronous Step-Down Regulator
FTD6821 FS-FTD6821 Datasheet
621Kb / 17P
1.5MHz switching frequency minimizes the external components
More results

Similar Description - FTD669A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com