Electronic Components Datasheet Search
  English  ▼

X  

FTD880 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD880
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD880 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD880 Datasheet HTML 1Page - First Silicon Co., Ltd FTD880 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTD880
2011. 11. 16
1/2
Revision No : 0
FTD880
TRANSISTOR (NPN)
FEATURES
Low Frequency Power Amplifier
Complement to FTB834
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
IC
Collector Current -Continuous
PC
Collector Dissipation(Ta=25℃)
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=50mA, IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE =100µA, IC=0
7
V
Collector cut-off current
ICBO
VCB=60V, IE=0
100
µA
Emitter cut-off current
IEBO
VEB=7V, IC=0
100
µA
DC current gain
hFE
VCE=5V, IC=500mA
60
300
Collector-emitter saturation voltage
VCE (sat)
IC=3A, IB=300mA
1
V
Base-emitter voltage
VBE
IC=0.5A, VCE= 5V
1
V
Transition Frequency
f T
VCE=5 V, IC=500mA
3
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
70
pF
Turn on time
ton
0.8
µs
Storage time
t s
1.5
µs
Fall time
t f
IB1=-IB2=0.2A, IC=2A
VCC=30V, PW=20µs
0.8
µs
CLASSIFICATION OF hFE
R
G
Y
O
k
n
a
R
Range
60-120
100-200
150-300
3
A
7
V
1.5
W
DIM
MILLIMETERS
TO-220AB
A
B
C
D
E
F
H
J
N
O
0.8 ± 0.1
2.7 ± 0.2
2.54 ± 0.2
13.6 ± 0.2
3.8 ± 0.2
10.15 ± 0.15
4.5 ± 0.2
2.7 ± 0.2
15.30 MAX
1.3+0.1/-0.15
0.4 ± 0.15
A
F
B
J
E
O
C
H
N
N
D
P
P
1 BASE
2 COLLECTOR
3 EMITTER
1
2
3
Collector Dissipation(Tc=25℃)
30
W


Similar Part No. - FTD880

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882D FS-FTD882D Datasheet
376Kb / 2P
TRANSISTOR
FTD882F FS-FTD882F Datasheet
294Kb / 2P
NPN TRANSISTOR
FTD882S FS-FTD882S Datasheet
218Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882T FS-FTD882T Datasheet
471Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - FTD880

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com