Electronic Components Datasheet Search
  English  ▼

X  

FTD880 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD880
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD880 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD880 Datasheet HTML 1Page - First Silicon Co., Ltd FTD880 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
FTD880
2011. 11. 16
2/2
Revision No : 0
n
i
a
G
t
n
e
r
r
u
c
C
D
.
2
e
r
u
g
i
F
c
it
s
ir
e
t
c
a
r
a
h
C
c
it
a
t
S
.
1
e
r
u
g
i
F
Figure 3. Base-Emitter On Voltage
Figure 4. Collector-Emitter Saturation Voltage
vs Collector Current
g
n
it
a
r
e
D
r
e
w
o
P
.
6
e
r
u
g
i
F
a
e
r
A
g
n
it
a
r
e
p
O
e
f
a
S
.
5
e
r
u
g
i
F
0
246
8
0
1
2
3
4
I
B
= 0
I
B = 10mA
I
B = 20mA
I
B = 30mA
I
B
= 40mA
I
B
= 50mA
I
B = 80mA
I
B = 70mA
I
B = 90mA
I
B
= 60mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
1
1
1
.
0
1
0
.
0
10
100
1000
V
CE = 5V
I
C[A], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
V
CE
= 5V
V
BE[V], BASE-EMITTER VOLTAGE
0
1
1
1
.
0
1
0
.
0
0.01
0.1
1
10
I
C
= 10 I
B
V
CE(sat)
I
C[A], COLLECTOR CURRENT
0
0
1
0
1
1
0.1
1
10
I
C(Continous) MAX.
I
C(Pulse) MAX.
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
T
C[
o
C], CASE TEMPERATURE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com