Electronic Components Datasheet Search
  English  ▼

X  

MJD31C Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MJD31C
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD31C Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MJD31C Datasheet HTML 1Page - First Silicon Co., Ltd MJD31C Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 08. 28
1/2
SEMICONDUCTOR
TECHNICAL DATA
MJD31C
Revision No : 0
D-PAK (TO-252)
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 BASE
2 COLLECTOR
3 EMITTER
0 95 MAX
Q
MJD31C
TRANSISTOR (NPN)
FEA TURES
Designed for General Purpose Amplifier and
Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)
Straight Lead Version in Plastic Sleeves (“–1” Suffix)
Lead Formed Version in 16 mm Tape and Reel (“T4” Suffix)
Electrically Similar to Popular TIP31 and TIP32 Series
Low Speed Switching Applications.
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Max
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
3
A
PC
Collector Power Dissipation
1.25
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-65-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 1mA, IE=0
100
V
Collector-emitter breakdown voltage *
VCEO(sus)
IC= 30mA, IB=0
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 1mA, IC=0
5
V
Collector cut-off current
ICES
VCE=100V, VEB=0
20
μA
Collector cut-off current
ICEO
VCE= 60V, IB= 0
50
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
1
mA
hFE(1)
VCE= 4V, IC= 1A
25
DC current gain
hFE(2)
VCE=4 V, IC= 3A
15
75
Collector-emitter saturation voltage
VCE(sat)
IC=3A, IB=0.375A
1.2
V
Base-emitter voltage
VBE(on)
VCE= 4V, IC=3A
1.8
V
Transition frequency
fT
VCE=10V , IC=0.5A,fT=1KHz
3
MHZ
* Pulse Test: PW
≤300µs, Duty Cycle≤2%.


Similar Part No. - MJD31C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD31C ONSEMI-MJD31C Datasheet
150Kb / 6P
SILICON POWER TRANSISTORS
1998
logo
STMicroelectronics
MJD31C STMICROELECTRONICS-MJD31C Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1999
logo
Fairchild Semiconductor
MJD31C FAIRCHILD-MJD31C Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications
logo
ON Semiconductor
MJD31C ONSEMI-MJD31C Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
MJD31C STMICROELECTRONICS-MJD31C Datasheet
243Kb / 9P
Low voltage NPN power transistor
20-Apr-2007
More results

Similar Description - MJD31C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com