Electronic Components Datasheet Search
  English  ▼

X  

MJD31C Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MJD31C
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD31C Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MJD31C Datasheet HTML 1Page - First Silicon Co., Ltd MJD31C Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012.08. 28
2/2
MJD31C
Revision No : 0
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
e
s
a
B
.
2
e
r
u
g
i
F
n
i
a
G
t
n
e
r
r
u
c
C
D
.
1
e
r
u
g
i
F
Collector-Emitter Saturation Voltage
e
m
i
T
n
O
n
r
u
T
.
4
e
r
u
g
i
F
e
c
n
a
t
i
c
a
p
a
C
r
o
t
c
e
l
l
o
C
.
3
e
r
u
g
i
F
g
n
i
t
a
r
e
p
O
e
f
a
S
.
6
e
r
u
g
i
F
e
m
i
T
f
f
O
n
r
u
T
.
5
e
r
u
g
i
F
0
1
1
1
.
0
1
0
.
0
1
10
100
1000
V
CE = 2V
I
C[A], COLLECTOR CURRENT
1E 3
0.01
0.1
1
10
0.01
0.1
1
10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0
0
1
0
1
1
1
.
0
1
10
100
1000
VCB[V], COLLECTOR BASE VOLTAGE
0
1
1
1
.
0
1
0
.
0
0.1
1
t
R, VCC=30V
t
R, VCC=10V
t
C = 10.IB
t
D, VBE(off)=2V
I
C[A], COLLECTOR CURRENT
0
1
1
1
.
0
1
0
.
0
0.1
1
tSTG
tF, VCC=30V
tC = 10.IB
tF, VCC(off)=10V
IC[A], COLLECTOR CURRENT
0
0
0
1
0
0
1
0
1
1
0.01
0.1
1
10
DC
I
CP(max)
I
C(max)
V
CE[V], COLLECTOR-EMITTER VOLTAGE
Typical Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com