Electronic Components Datasheet Search
  English  ▼

X  

NFFL-NF50 Datasheet(PDF) 1 Page - Mini-Circuits

Part # NFFL-NF50
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NFFL-NF50 Datasheet(HTML) 1 Page - Mini-Circuits

  NFFL-NF50 Datasheet HTML 1Page - Mini-Circuits NFFL-NF50 Datasheet HTML 2Page - Mini-Circuits NFFL-NF50 Datasheet HTML 3Page - Mini-Circuits NFFL-NF50 Datasheet HTML 4Page - Mini-Circuits NFFL-NF50 Datasheet HTML 5Page - Mini-Circuits NFFL-NF50 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
NFFL-NF50+
The Big Deal
• Wideband, DC-9 GHz
• Low insertion loss, 0.05 dB typ. at 6 GHz
• Excellent VSWR, 1.11:1 typ. at 6 GHz
Product Overview
Mini-Circuits’ NFFL-NF50+ is a N-Female to N-Female panel mount adapter supporting a wide range of ap-
plications from DC to 9 GHz. This model provides excellent VSWR, low insertion loss, and flat response versus
frequency. The NFFL-NF50+ features passivated stainless steel body and Gold-plated berillium copper con-
struction center contact.
Key Features
Feature
Advantages
Wideband, DC to 9 GHz
Wide frequency range provides application flexibility and makes this model ideal for broad-
band and multi-band use.
Excellent VSWR
• 1.11:1 typ. at 6 GHz
Provides good matching for 50Ω systems and minimizes signal reflections across wide
frequency range.
Low insertion loss
• 0.05 dB at 6 GHz
Provides excellent signal power transmission from input to output.
Panel Mount
Enables use in rack mount equipment
Passivated stainless steel body and
Gold-plated berillium copper center
contact
Stands up to wear and tear in demanding environments and provides excellent reliability.
Very wide operating temperature
range, -55 to +100˚C
Withstands extreme operating conditions and is suitable for use near high power componen-
try where heat rise is common or in extreme weather conditions.
50Ω
DC to 9 GHz
Coaxial
Adapter
N-Female to N-Female Panel Mount
CASE STYLE: DJ1808-3


Similar Part No. - NFFL-NF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NFFL-SF50 MINI-NFFL-SF50 Datasheet
152Kb / 1P
flat response
NFFL-SM50 MINI-NFFL-SM50 Datasheet
195Kb / 2P
Adapter N-Female to SMA-Male
NFFL-SM50+ MINI-NFFL-SM50+ Datasheet
195Kb / 2P
Adapter N-Female to SMA-Male
More results

Similar Description - NFFL-NF50

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
JFW Industries, Inc.
115-004 JFW-115-004 Datasheet
25Kb / 1P
ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
ADAPTER
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
logo
Mini-Circuits
10F-10F+ MINI-10F-10F+ Datasheet
264Kb / 3P
Adapter
REV. OR
10F-10M+ MINI-10F-10M+ Datasheet
289Kb / 3P
Adapter
REV. OR
10M-10M+ MINI-10M-10M+ Datasheet
263Kb / 3P
Adapter
REV. OR
KF-SF50+ MINI-KF-SF50+ Datasheet
321Kb / 4P
Adapter
REV. OR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com