Electronic Components Datasheet Search
  English  ▼

X  

NFFL-NF50 Datasheet(PDF) 2 Page - Mini-Circuits

Part # NFFL-NF50
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NFFL-NF50 Datasheet(HTML) 2 Page - Mini-Circuits

  NFFL-NF50 Datasheet HTML 1Page - Mini-Circuits NFFL-NF50 Datasheet HTML 2Page - Mini-Circuits NFFL-NF50 Datasheet HTML 3Page - Mini-Circuits NFFL-NF50 Datasheet HTML 4Page - Mini-Circuits NFFL-NF50 Datasheet HTML 5Page - Mini-Circuits NFFL-NF50 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
NFFL-NF50+
50Ω
DC to 9 GHz
Adapter
N-Female to N-Female Panel Mount
REV. OR
ECO-003222
NFFL-NF50+
CM/RS/CP
200708
Coaxial
Features
• flat response
• excellent VSWR, 1.11:1 typ. at 6 GHz
• four hole flange mount
Applications
• interconnection of RF cable and equipment
• instrumentation
• rack mount equipment
CASE STYLE: DJ1808-3
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
N-Female
N-Female
1.0
1.1
1.2
1.3
1.4
1.5
0
1500
3000
4500
6000
7500
9000
FREQUENCY (MHz)
NFFL-NF50+
VSWR
N-Female
N-Female
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
9
GHz
Insertion Loss
DC - 9
—
0.05
—
dB
VSWR
DC - 6
—
1.06
1.15
:1
6 - 9
—
1.08
1.20
10
0.00
1.00
1.00
100
0.00
1.01
1.01
500
0.01
1.03
1.03
1000
0.02
1.06
1.06
2000
0.04
1.09
1.09
3000
0.04
1.06
1.06
4000
0.03
1.01
1.01
5000
0.04
1.07
1.07
6000
0.04
1.10
1.10
7000
0.04
1.05
1.06
8000
0.03
1.06
1.05
9000
0.07
1.19
1.18
Permanent damage may occur if any of these limits are exceeded.
Connectors
Model
Conn1
Conn2
N-Female
N-Female
NFFL-NF50+
Outline Dimensions
inches [mm]
Generic photo used for illustration purposes only
0.00
0.02
0.04
0.06
0.08
0.10
0
1500
3000
4500
6000
7500
9000
FREQUENCY (MHz)
NFFL-NF50+
INSERTION LOSS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com