Electronic Components Datasheet Search
  English  ▼

X  

56F801 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 56F801
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

56F801 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 56F801 Datasheet HTML 8Page - NXP Semiconductors 56F801 Datasheet HTML 9Page - NXP Semiconductors 56F801 Datasheet HTML 10Page - NXP Semiconductors 56F801 Datasheet HTML 11Page - NXP Semiconductors 56F801 Datasheet HTML 12Page - NXP Semiconductors 56F801 Datasheet HTML 13Page - NXP Semiconductors 56F801 Datasheet HTML 14Page - NXP Semiconductors 56F801 Datasheet HTML 15Page - NXP Semiconductors 56F801 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
56F801 Technical Data, Rev. 17
12
Freescale Semiconductor
2.6 Serial Peripheral Interface (SPI) Signals
Table 2-8 Serial Peripheral Interface (SPI) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
MISO
GPIOB6
Input/Output
Input/Output
Input
Input
SPI Master In/Slave Out (MISO)—This serial data pin is an input to
a master device and an output from a slave device. The MISO line of
a slave device is placed in the high-impedance state if the slave
device is not selected.
Port E GPIO—This pin is a General Purpose I/O (GPIO) pin that can
be individually programmed as input or output pin.
After reset, the default state is MISO.
1
MOSI
GPIOB5
Input/Output
Input/Output
Input
Input
SPI Master Out/Slave In (MOSI)—This serial data pin is an output
from a master device and an input to a slave device. The master
device places data on the MOSI line a half-cycle before the clock
edge that the slave device uses to latch the data.
Port E GPIO—This pin is a General Purpose I/O (GPIO) pin that can
be individually programmed as input or output pin.
After reset, the default state is MOSI.
1
SCLK
GPIOB4
Input/Output
Input/Output
Input
Input
SPI Serial Clock—In master mode, this pin serves as an output,
clocking slaved listeners. In slave mode, this pin serves as the data
clock input.
Port E GPIO—This pin is a General Purpose I/O (GPIO) pin that can
be individually programmed as an input or output pin.
After reset, the default state is SCLK.
1
SS
GPIOB7
Input
Input/Output
Input
Input
SPI Slave Select—In master mode, this pin is used to arbitrate
multiple masters. In slave mode, this pin is used to select the slave.
Port E GPIO—This pin is a General Purpose I/O (GPIO) pin that can
be individually programmed as an input or output pin.
After reset, the default state is SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com