| Electronic Components Datasheet Search |
|
56F801 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
56F801 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 48 page ![]() Serial Communications Interface (SCI) Signals 56F801 Technical Data, Rev. 17 Freescale Semiconductor 13 2.7 Serial Communications Interface (SCI) Signals 2.8 Analog-to-Digital Converter (ADC) Signals 2.9 Quad Timer Module Signals Table 2-9 Serial Communications Interface (SCI0) Signals No. of Pins Signal Name Signal Type State During Reset Signal Description 1 TXD0 GPIOB0 Output Input/Output Input Input Transmit Data (TXD0)—SCI0 transmit data output Port B GPIO—This pin is a General Purpose I/O (GPIO) pin that can be individually programmed as an input or output pin. After reset, the default state is SCI output. 1 RXD0 GPIOB1 Input Input/Output Input Input Receive Data (RXD0)—SCI0 receive data input Port B GPIO—This pin is a General Purpose I/O (GPIO) pin that can be individually programmed as an input or output pin. After reset, the default state is SCI input. Table 2-10 Analog to Digital Converter Signals No. of Pins Signal Name Signal Type State During Reset Signal Description 4 ANA0-3 Input Input ANA0-3—Analog inputs to ADC, channel 1 4 ANA4-7 Input Input ANA4-7—Analog inputs to ADC, channel 2 1 VREF Input Input VREF—Analog reference voltage for ADC. Must be set to VDDA-0.3V for optimal performance. Table 2-11 Quad Timer Module Signals No. of Pins Signal Name Signal Type State During Reset Signal Description 3 TD0-2 GPIOA0-2 Input/Output Input/Output Input Input TD0-2—Timer D Channel 0-2 Port A GPIO—This pin is a General Purpose I/O (GPIO) pin that can be individually programmed as an input or output pin. After reset, the default state is the quad timer input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |