Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

56F8014 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button 56F8014 Datasheet HTML 20Page - NXP Semiconductors 56F8014 Datasheet HTML 21Page - NXP Semiconductors 56F8014 Datasheet HTML 22Page - NXP Semiconductors 56F8014 Datasheet HTML 23Page - NXP Semiconductors 56F8014 Datasheet HTML 24Page - NXP Semiconductors 56F8014 Datasheet HTML 25Page - NXP Semiconductors 56F8014 Datasheet HTML 26Page - NXP Semiconductors 56F8014 Datasheet HTML 27Page - NXP Semiconductors 56F8014 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 124 page
background image
56F8014 Technical Data, Rev. 11
24
Freescale Semiconductor
ANA0
(GPIOC0)
13
Input
Input/
Output
Analog
Input
ANA0 — Analog input to ADC A, channel 0
Port C GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is ANA0.
ANA1
(GPIOC1)
12
Input
Input/
Output
Analog
Input
ANA1 — Analog input to ADC A, channel 1
Port C GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is ANA1.
ANA2
(VREFH)
(GPIOC2)
11
Input
Input
Input/
Output
Analog
Input
ANA2 — Analog input to ADC A, channel 2
VREFH — Analog reference voltage high
Port C GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is ANA2.
ANA3
(GPIOC3)
10
Input
Input/
Output
Analog
Input
ANA3 — Analog input to ADC A, channel 3
Port C GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is ANA3.
ANB0
(GPIOC4)
4
Input
Input/
Output
Analog
Input
ANB0 — Analog input to ADC B, channel 0
Port C GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is ANB0.
Return to Table 2-2
Table 2-3 56F8014 Signal and Package Information for the 32-Pin LQFP (Continued)
Signal
Name
LQFP
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com