Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

56F8014 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button 56F8014 Datasheet HTML 55Page - NXP Semiconductors 56F8014 Datasheet HTML 56Page - NXP Semiconductors 56F8014 Datasheet HTML 57Page - NXP Semiconductors 56F8014 Datasheet HTML 58Page - NXP Semiconductors 56F8014 Datasheet HTML 59Page - NXP Semiconductors 56F8014 Datasheet HTML 60Page - NXP Semiconductors 56F8014 Datasheet HTML 61Page - NXP Semiconductors 56F8014 Datasheet HTML 62Page - NXP Semiconductors 56F8014 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 124 page
background image
Register Descriptions
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
59
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.5.13.2
Reserved—Bit 0
This bit is reserved or not implemented. It is read as 1 and cannot be modified by writing.
5.5.14
IRQ Pending Register 1 (IRQP1)
Figure 5-16 IRQ Pending Register 1 (IRQP1)
5.5.14.1
IRQ Pending (PENDING)—Bits 32–17
This register combines with IRQP0 and IRQP2 to represent the pending IRQs for interrupt vector numbers
2 through 45.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.5.15
IRQ Pending Register 2 (IRQP2)
Figure 5-17 IRQ Pending Register 2 (IRQP2)
5.5.15.1
IRQ Pending (PENDING)—Bits 45–33
This register combines with IRQP0 and IRQP1 to represent the pending IRQs for interrupt vector numbers
2 through 45.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.5.16
Interrupt Control Register (ICTRL)
Figure 5-18 Interrupt Control Register (ICTRL)
Base + $D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PENDING[32:17]
Write
RESET
11111
1111111
1111
Base + $E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
1
PENDING[45:33]
Write
RESET
11111
1111111
1111
$Base + $12
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
INT
IPIC
VAB
INT_
DIS
1
1
1
0
0
Write
RESET
00000
0000001
1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com