Electronic Components Datasheet Search
  English  ▼

X  

TMP61 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP61
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP61 Datasheet(HTML) 2 Page - Texas Instruments

  TMP61 Datasheet HTML 1Page - Texas Instruments TMP61 Datasheet HTML 2Page - Texas Instruments TMP61 Datasheet HTML 3Page - Texas Instruments TMP61 Datasheet HTML 4Page - Texas Instruments TMP61 Datasheet HTML 5Page - Texas Instruments TMP61 Datasheet HTML 6Page - Texas Instruments TMP61 Datasheet HTML 7Page - Texas Instruments TMP61 Datasheet HTML 8Page - Texas Instruments TMP61 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
TMP63-Q1
SNIS215B – JANUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 7
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
TMP63-Q1 R-T table............................................... 10
8.4
Feature Description................................................. 10
8.5
Device Functional Modes........................................ 10
9
Application and Implementation ........................ 11
9.1
Application Information............................................ 11
9.2
Typical Application .................................................. 11
10
Power Supply Recommendations ..................... 16
11
Layout................................................................... 16
11.1
Layout Guidelines ................................................. 16
11.2
Layout Example .................................................... 16
12
Device and Documentation Support ................. 17
12.1
Receiving Notification of Documentation Updates 17
12.2
Support Resources ............................................... 17
12.3
Trademarks ........................................................... 17
12.4
Electrostatic Discharge Caution ............................ 17
12.5
Glossary ................................................................ 17
13
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2020) to Revision B
Page
•
Added DYA package as preview information ......................................................................................................................... 1
•
Updated Device Comparison table......................................................................................................................................... 3
•
Corrected view description in Pin Configuration and Functions ............................................................................................. 4
•
Changed Maximum ISNS from 400 µA to 40 µA ................................................................................................................... 5
Changes from Original (December 2019) to Revision A
Page
•
Updated Title .......................................................................................................................................................................... 1
•
Changed device status from Advanced Information to Production Data................................................................................ 1
•
Updated features list............................................................................................................................................................... 1
•
Updated Applications.............................................................................................................................................................. 1
•
Updated Description ............................................................................................................................................................... 1
•
Updated Thermistor Design Tool link ................................................................................................................................... 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com