Electronic Components Datasheet Search
  English  ▼

X  

TMP61 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP61
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP61 Datasheet(HTML) 4 Page - Texas Instruments

  TMP61 Datasheet HTML 1Page - Texas Instruments TMP61 Datasheet HTML 2Page - Texas Instruments TMP61 Datasheet HTML 3Page - Texas Instruments TMP61 Datasheet HTML 4Page - Texas Instruments TMP61 Datasheet HTML 5Page - Texas Instruments TMP61 Datasheet HTML 6Page - Texas Instruments TMP61 Datasheet HTML 7Page - Texas Instruments TMP61 Datasheet HTML 8Page - Texas Instruments TMP61 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
±
1
2
+
ID Area
±
1
2
+
4
TMP63-Q1
SNIS215B – JANUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6 Pin Configuration and Functions
DEC Package
2-Pin X1SON
Bottom View
DYA Package
2-Pin SOT-5X3
Top View
(1)
This package is in preview
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
–
1
—
Thermistor (–) and (+) terminals. For proper operation, ensure a positive bias where the +
terminal is at a higher voltage potential than the – terminal.
+
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com