Electronic Components Datasheet Search
  English  ▼

X  

TMP63 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP63
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP63 Datasheet(HTML) 5 Page - Texas Instruments

  TMP63 Datasheet HTML 1Page - Texas Instruments TMP63 Datasheet HTML 2Page - Texas Instruments TMP63 Datasheet HTML 3Page - Texas Instruments TMP63 Datasheet HTML 4Page - Texas Instruments TMP63 Datasheet HTML 5Page - Texas Instruments TMP63 Datasheet HTML 6Page - Texas Instruments TMP63 Datasheet HTML 7Page - Texas Instruments TMP63 Datasheet HTML 8Page - Texas Instruments TMP63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
TMP63-Q1
www.ti.com
SNIS215B – JANUARY 2020 – REVISED JUNE 2020
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or anyother conditions beyond those indicated under Recommended
OperatingConditions. Exposure to absolute-maximum-rated conditions for extended periods mayaffect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage across pins 2 (+) and 1(–)
+6
V
Current through the device
+450
µA
Junction temperature (TJ)
–65
+150
°C
Storage temperature (Tstg)
–65
+150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM) per per AEC Q100-002 (1)
HBM classification level H2
±2000
V
Charged device model (CDM), per AEC Q100- 011
CDM classification level C6
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VSns
Voltage across pins 2 (+) and 1 (–)
0
5.5
V
ISns
Current through the device
0
40
µA
TA
Operating free-air temperature (specified performance) (X1SON/DEC Package)
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The junction to ambient thermal resistance (RθJA ) under natural convection is obtained in a simulation on a JEDEC-standard, High-K
board as specified in JESD51-7, in an environment described in JESD51-2. Exposed pad packages assume that thermal vias are
included in the PCB, per JESD 51-5.
(3)
Changes in output due to self heating can be computed by multiplying the internal dissipation by the thermal resistance.
7.4 Thermal Information
THERMAL METRIC (1)
TMP63
Units
DEC (X1SON)
2 PINS
RθJA
Junction-to-ambient thermal resistance(2)(3)
443.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
195.7
°C/W
RθJB
Junction-to-board thermal resistance
254.6
°C/W
ΨJT
Junction-to-top characterization parameter
19.9
°C/W
ΨJB
Junction-to-board characterization parameter
254.5
°C/W
RθJC(bot)
Junction-to-case (bot) thermal resistance
–
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com