Electronic Components Datasheet Search
  English  ▼

X  

TMP63 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP63
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP63 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP63 Datasheet HTML 7Page - Texas Instruments TMP63 Datasheet HTML 8Page - Texas Instruments TMP63 Datasheet HTML 9Page - Texas Instruments TMP63 Datasheet HTML 10Page - Texas Instruments TMP63 Datasheet HTML 11Page - Texas Instruments TMP63 Datasheet HTML 12Page - Texas Instruments TMP63 Datasheet HTML 13Page - Texas Instruments TMP63 Datasheet HTML 14Page - Texas Instruments TMP63 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VTemp
RT
RBias
VBias
RP
RT
IBias
VTemp
RP
VTemp
RT
RBias
VBias
VTemp
RT
IBias
11
TMP63-Q1
www.ti.com
SNIS215B – JANUARY 2020 – REVISED JUNE 2020
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TMP63-Q1 is a positive temperature coefficient (PTC) linear silicon thermistor. The device behaves as a
temperature-dependent resistor, and may be configured in a variety of ways to monitor temperature based on the
system-level requirements. The device has a nominal resistance at 25 °C (R25) of 100 kΩ, a maximum operating
voltage of 5.5 V (VSNS), and maximum supply current of 40 µA (ISNS). This device may be used in a variety of
applications to monitor temperature close to a heat source with the very small DEC package option compatible
with the typical 0402 (inch) footprint. Some of the factors that influence the total measurement error include the
ADC resolution (if applicable), the tolerance of the bias current or voltage, the tolerance of the bias resistance in
the case of a voltage divider configuration, and the location of the sensor with respect to the heat source.
9.2 Typical Application
9.2.1 Thermistor Biasing Circuits
Figure 11. Voltage Biasing Circuit With Linear
Thermistor
Figure 12. Current Biasing Circuit With Linear
Thermistor
Figure 13. Voltage Biasing Circuit With Non-Linear
Thermistor
Figure 14. Current Biasing Circuit With Non-Linear
Thermistor
9.2.1.1 Design Requirements
Existing thermistors, in general, have a non-linear temperature vs. resistance curve. To linearize the thermistor
response, the engineer can use a voltage linearization circuit with a voltage divider configuration, or a resistance
linearization circuit by adding another resistance in parallel with the thermistor, RP. The Thermistor Biasing
Circuits section highlights the two implementations where RT is the thermistor resistance. To generate an output
voltage across the thermistor, the engineer can use a voltage divider circuit with the thermistor placed at either
the high side (close to supply) or low side (close to ground), depending on the desired voltage response
(negative or positive). Alternatively, the thermistor can be biased directly using a precision current source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com