Electronic Components Datasheet Search
  English  ▼

X  

MMBT2907A Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # MMBT2907A
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBT2907A Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  MMBT2907A Datasheet HTML 1Page - First Silicon Co., Ltd MMBT2907A Datasheet HTML 2Page - First Silicon Co., Ltd MMBT2907A Datasheet HTML 3Page - First Silicon Co., Ltd MMBT2907A Datasheet HTML 4Page - First Silicon Co., Ltd MMBT2907A Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
I C , COLLECTOR CURREN (mA)
Figure 3. DC Current Gain
T J = 125°C
I C = –1.0 mA
t r
I B , BASE CURRENT (mA)
Figure 4. Collector Saturation Region
I C , COLLECTOR CURRENT
Figure 5. Turn–On Time
I C , COLLECTOR CURRENT (mA)
Figure 6. Turn–Off Time
25°C
–55°C
V CE = –1 0 V
V CE = –10 V
–10 mA
–100 mA
–500 mA
2.0 V
t d @ V BE(off) = 0 V
V CC = –30 V
I C /I B = 10
T J = 25°C
t f
t ’ s = t s – 1/8 t f
V CC = –30 V
I C /I B = 10
I B1 = I B2
T J = 25°C
–0.005–0.01
–0.02 –0 03 –0.05 –0.7 –0.1
–0.2 –0.3
–0.5 –0.7 –1.0
–2 0 –3.0
–5.0 –7.0 –10
–20 –30
–50
–0.1
–0.2 –0.3
–0.5 –0.7 –1.0
–2 0 –3 0 –5.0 –7 0 –10
–20 –30
–50 –70 –100
–200 –300 –500
3 0
2 0
1 0
0.7
0 5
0 3
0 2
–1 0
–0 8
–0 6
–0.4
–0 2
0
–5.0–7.0 –10
–20 –30
–50 –70 –100
–200 –300 –500
300
200
100
70
50
30
20
10
7.0
5.0
3.0
–5.0–7.0 –10
–20 –30
–50 –70 –100
–200 –300 –500
300
200
100
70
50
30
20
10
7 0
5 0
3 0
TYPICAL CHARACTERISTICS
MMBT2907A
2011. 12. 06
3/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com