Electronic Components Datasheet Search
  English  ▼

X  

MMBT2907A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMBT2907A
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBT2907A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMBT2907A Datasheet HTML 1Page - First Silicon Co., Ltd MMBT2907A Datasheet HTML 2Page - First Silicon Co., Ltd MMBT2907A Datasheet HTML 3Page - First Silicon Co., Ltd MMBT2907A Datasheet HTML 4Page - First Silicon Co., Ltd MMBT2907A Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Purpose Transistor
PNP Silicon
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT-23 package which
is designed for low power surface mount applications.
Features
•
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
-60
Vdc
Collector−Base Voltage
VCBO
-60
Vdc
Emitter−Base Voltage
VEBO
-5.0
Vdc
Collector Current
− Continuous
IC
-600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total
Device Dissipation (Note 1)
TA = 25°C
PD
350
mW
Thermal Resistance,
Junction−to−Ambient
R JA
357
°
C/W
Operating and Storage Junction
T
emperature Range
TJ, Tstg
−55 to +150
°C
Device
Marking
ORDERING INFORMATION
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector
−Emitter Breakdown Voltage (Note 1)
(IC = -1.0 mAdc, IB = 0)
V(BR)CEO
-60
−
Vdc
Collector
−Base Breakdown Voltage
(IC = -10 Adc, I E = 0)
V(BR)CBO
-60
−
Vdc
Emitter −Base Breakdown Voltage
(IE = -10 Adc, IC = 0)
V(BR)EBO
-5.0
−
Vdc
Base Current
(VCE = -30 Vdc, VEB = -0.5 Vdc)
IB
−
-50
nAdc
Collector Cutoff Current
(VCE = -30 Vdc, VEB = -0.5 Vdc)
ICEX
−
-50
nAdc
2F
3000 / T
ape & Reel
compliance with RoHS requirements.
We declare that the material of product
SEMICONDUCTOR
TECHNICAL DATA
MMBT2907A
2011. 12. 06
1/5
Revision No : 0
2
EMITTER
3
COLLECTOR
1
BASE
SOT– 23
1
3
2
(Note 1)
MMBT2907A
Shipping


Similar Part No. - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT2907A STMICROELECTRONICS-MMBT2907A Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Feb-2003
logo
Transys Electronics
MMBT2907A TRSYS-MMBT2907A Datasheet
193Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBT2907A FAIRCHILD-MMBT2907A Datasheet
58Kb / 6P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A Datasheet
51Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30040 Rev. 4 - 2
More results

Similar Description - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com