Electronic Components Datasheet Search
  English  ▼

X  

1732768 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1732768
Description  Printed-circuit board connector - FKCN 2,5/ 4-ST
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1732768 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1732768 Datasheet HTML 1Page - PHOENIX CONTACT 1732768 Datasheet HTML 2Page - PHOENIX CONTACT 1732768 Datasheet HTML 3Page - PHOENIX CONTACT 1732768 Datasheet HTML 4Page - PHOENIX CONTACT 1732768 Datasheet HTML 5Page - PHOENIX CONTACT 1732768 Datasheet HTML 6Page - PHOENIX CONTACT 1732768 Datasheet HTML 7Page - PHOENIX CONTACT 1732768 Datasheet HTML 8Page - PHOENIX CONTACT 1732768 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
https://www.phoenixcontact.com/pi/products/1732768
06/30/2020   Page 1 / 21
Printed-circuit board connector - FKCN 2,5/ 4-ST - 1732768
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 4, pitch: 5 mm, connection method: Push-in spring connection, color: green, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Time saving push-in connection, tools not required
 Intuitive use through colour coded actuation lever
 Extremely small design for the respective conductor cross section
 Quick and convenient testing using integrated test option
 Can be combined with the MSTB 2,5 range
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356163651
Technical data
Item properties
Brief article description
PCB connector
Plug-in system
CLASSIC COMBICON
Type of contact
Female connector
Range of articles
FKCN 2,5/..-ST
Pitch
5 mm
Number of positions
4
Connection method
Push-in spring connection
Locking
without
Number of levels
1
Number of connections
4


Similar Part No. - 1732768

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732720 PHOENIX-1732720 Datasheet
88Kb / 7P
PCB terminal block base - GMKDSP 3/ 2-7,62
1732733 PHOENIX-1732733 Datasheet
423Kb / 13P
GMKDSP 3/ 3-7,62 - PCB terminal block
1732742 PHOENIX-1732742 Datasheet
427Kb / 21P
Printed-circuit board connector - FKCN 2,5/ 2-ST
09/11/2020
1732755 PHOENIX-1732755 Datasheet
678Kb / 16P
Printed-circuit board connector - FKCN 2,5/ 3-ST
02/04/2022
1732784 PHOENIX-1732784 Datasheet
644Kb / 13P
Printed-circuit board connector - FKCN 2,5/ 6-ST
02/04/2022
More results

Similar Description - 1732768

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732807 PHOENIX-1732807 Datasheet
66Kb / 4P
Printed-circuit board connector - FKCN 2,5/ 8-ST
1754584 PHOENIX-1754584 Datasheet
455Kb / 20P
Printed-circuit board connector - FKCN 2,5/ 4-ST-5,08
1732833 PHOENIX-1732833 Datasheet
356Kb / 14P
Printed-circuit board connector - FKCN 2,5/11-ST
1732881 PHOENIX-1732881 Datasheet
61Kb / 3P
Printed-circuit board connector - FKCN 2,5/17-ST
1732894 PHOENIX-1732894 Datasheet
61Kb / 3P
Printed-circuit board connector - FKCN 2,5/18-ST
1732742 PHOENIX-1732742 Datasheet
427Kb / 21P
Printed-circuit board connector - FKCN 2,5/ 2-ST
09/11/2020
1732797 PHOENIX-1732797 Datasheet
415Kb / 19P
Printed-circuit board connector - FKCN 2,5/ 7-ST
09/11/2020
1732810 PHOENIX-1732810 Datasheet
413Kb / 19P
Printed-circuit board connector - FKCN 2,5/ 9-ST
09/11/2020
1732836 PHOENIX-1732836 Datasheet
413Kb / 19P
Printed-circuit board connector - FKCN 2,5/12-ST
09/11/2020
1732849 PHOENIX-1732849 Datasheet
400Kb / 18P
Printed-circuit board connector - FKCN 2,5/13-ST
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com