Electronic Components Datasheet Search
  English  ▼

X  

1732768 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1732768
Description  Printed-circuit board connector - FKCN 2,5/ 4-ST
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1732768 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1732768 Datasheet HTML 9Page - PHOENIX CONTACT 1732768 Datasheet HTML 10Page - PHOENIX CONTACT 1732768 Datasheet HTML 11Page - PHOENIX CONTACT 1732768 Datasheet HTML 12Page - PHOENIX CONTACT 1732768 Datasheet HTML 13Page - PHOENIX CONTACT 1732768 Datasheet HTML 14Page - PHOENIX CONTACT 1732768 Datasheet HTML 15Page - PHOENIX CONTACT 1732768 Datasheet HTML 16Page - PHOENIX CONTACT 1732768 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
https://www.phoenixcontact.com/pi/products/1732768
06/30/2020   Page 13 / 21
Printed-circuit board connector - FKCN 2,5/ 4-ST - 1732768
Classifications
UNSPSC
UNSPSC 13.2
39121409
UNSPSC 18.0
39121409
UNSPSC 19.0
39121409
UNSPSC 20.0
39121409
UNSPSC 21.0
39121409
Approvals
Approvals
Approvals
IECEE CB Scheme / VDE Gutachten mit Fertigungsüberwachung / EAC
Ex Approvals
Approval details
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-58427
 
 
Nominal voltage UN
400 V
Nominal current IN
12 A
mm²/AWG/kcmil
0.2-2.5
VDE Gutachten mit
Fertigungsüberwachung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40041908
 
 
Nominal voltage UN
400 V
Nominal current IN
12 A
mm²/AWG/kcmil
0.2-2.5
EAC 
 
 B.01687
Accessories
Accessories
Cable end sleeve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com