Electronic Components Datasheet Search
  English  ▼

X  

NJM2593V Datasheet(PDF) 13 Page - New Japan Radio

Part # NJM2593V
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593V Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJM2593V Datasheet HTML 8Page - New Japan Radio NJM2593V Datasheet HTML 9Page - New Japan Radio NJM2593V Datasheet HTML 10Page - New Japan Radio NJM2593V Datasheet HTML 11Page - New Japan Radio NJM2593V Datasheet HTML 12Page - New Japan Radio NJM2593V Datasheet HTML 13Page - New Japan Radio NJM2593V Datasheet HTML 14Page - New Japan Radio NJM2593V Datasheet HTML 15Page - New Japan Radio NJM2593V Datasheet HTML 16Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NJM2593
Ver.2004-08-25
-13 -
TYPICAL CHARACTERISTICS
( Ta=25°C, V
+=2.0V, unless otherwise noted )
Current Consumption versus Supply Voltage
0.0
0.5
1.0
1.5
024
68
10
Supply Voltage V+(V)
No Input signal
Mixer Conversion Gain versus Supply Voltage
0
5
10
15
20
25
30
02
46
8
10
Supply Voltage V+(V)
Measured at Pin3,terminated with 1.8kΩ and 0.1uF
Fmix=21.7MHz
Demodulated Output versus Supply Voltage
0
25
50
75
100
125
150
02
4
6
8
10
Supply Voltage V+(V)
Condition 1(IF input)
FSK Duty Ratio vesus Supply Voltage
40
45
50
55
60
024
6
8
10
Supply Voltage V+(V)
Condition 1(IF input)
CHARGE SW=OFF
CHARGE SW=ON
S/N versus Supply Voltage-Mixer Input-
0
10
20
30
40
50
60
70
80
02
4
6
8
10
Supply Voltage V+(V)
Condition 2(Mixer input)
-3dB Limiting Sensitivity versus Supply Voltage
0
5
10
15
20
25
30
02
46
8
10
Supply Voltage V+(V)
Condition 1(IF input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com