Electronic Components Datasheet Search
  English  ▼

X  

NJM2593V Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2593V
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593V Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2593V Datasheet HTML 5Page - New Japan Radio NJM2593V Datasheet HTML 6Page - New Japan Radio NJM2593V Datasheet HTML 7Page - New Japan Radio NJM2593V Datasheet HTML 8Page - New Japan Radio NJM2593V Datasheet HTML 9Page - New Japan Radio NJM2593V Datasheet HTML 10Page - New Japan Radio NJM2593V Datasheet HTML 11Page - New Japan Radio NJM2593V Datasheet HTML 12Page - New Japan Radio NJM2593V Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NJM2593
Ver.2004-08-25
- 9 -
Pin No.
SYMBOL
EQUIVARENT CIRCUIT
VOLTAGE
FUNCTION
17
RSSI OUT
0.02V
Received Signal Strength
Indicator Output
Pin 11 outputs DC level
proportional to the log of input
signal level to pin 20.
18
SENSE
LEVEL
--
Sense Level Input
External reference voltage of
RSSI comparator
19
GND
--
Ground
20
MIX IN
1.03V
Mixer Input
The mixer is designed to work up
to 470MHz with the typical input
impedance of RinM = 4.5kΩ and
CinM = 2pF(at 21.7MHz).
Note :
1.
ESD protection diodes exist between each of the following pins and V+.
Pin 1,2,3,5,6,7,8,9,10,11,12,13,17,18,20
2.
ESD protection diodes also exist between each of the following pins and ground.
Pin 1,2,3,5,6,7,8,9,10,11,12,13,14,15,16,17,18
18
V+
20
17
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com