Electronic Components Datasheet Search
  English  ▼

X  

MMBT6427 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # MMBT6427
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBT6427 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  MMBT6427 Datasheet HTML 1Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 2Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 3Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 4Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 5Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
T J= 25°C
SMALL–SIGNAL CHARACTERISTICS
V R , REVERSE VOLTAGE (VOLTS)
Figure 6. Capacitance
I C , COLLECTOR CURRENT (mA)
Figure 10. “On” Voltages
I C , COLLECTOR CURRENT (mA)
Figure 7. High Frequency Current Gain
I C , COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
I B , BASE CURRENT (µA)
Figure 9. Collector Saturation Region
I C , COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
C ibo
C obo
V CE = 5.0 V
f = 100 MHz
T J= 25°C
T J= 125°C
25°C
–55°C
V CE = 5 0 V
T J = 25°C
I C = 10 mA
50 mA
250 mA 500 mA
V BE(sat) @ I C /I B = 1000
T J= 25°C
V BE(on) @ V CE = 5.0 V
V CE(sat) @ I C /I B = 1000
25°C TO 125°C
–55°C TO 25°C
*R θVC FOR V CE(sat)
θ VB FOR V BE
25°C TO 125°C
–55°C TO 25°C
*APPLIES FOR I C / I B < h FE/3.0
0.04
0.1
0 2
0.4
1.0
2.0
4 0
10
20
40
20
10
7 0
5 0
3 0
2 0
0.1 0 2
0.5
1 0 2 0
5.0
10
20
50 100 200
500 1000
3 0
2 5
2 0
1 5
1 0
0 5
0 5
1 0
2.0
5 0
10
20
50
100
200
500
4.0
2.0
1.0
0.8
0.6
0.4
0.2
5 0
7 0 10
20
30
50
70 100
200 300
500
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
5 0
7.0 10
20
30
50
70 100
200 300
500
1.6
1.4
1.2
1.0
0.8
0.6
5 0
7 0 10
20
30
50
70 100
200 300
500
–1 0
–2 0
–3 0
–4 0
–5 0
–6 0
MMBT6427
2018. 09. 18
4/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com