Electronic Components Datasheet Search
  English  ▼

X  

MMBT6427 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMBT6427
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBT6427 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMBT6427 Datasheet HTML 1Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 2Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 3Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 4Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 5Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
EMITTER
3
COLLECTOR
1
BASE
SOT–23
Darlington Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
40
Vdc
Collector–Base Voltage
V
CBO
40
Vdc
Emitter–Base Voltage
V
EBO
12
Vdc
Collector Current — Continuous
I
C
500
mAdc
THERMAL CHARACTERISTICS
x
a
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
8
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
300
mW
Alumina Substrate, (2) TA = 25°C
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
DEVICE MARKING
MMBT6427 = 1V
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(3)
V (BR)CEO
40
—
Vdc
(I C = 10 mAdc, V BE = 0)
Collector–Base Breakdown Voltage
V (BR)CBO
40
—
Vdc
(I C = 100 µAdc, I E = 0)
Emitter–Base Breakdown Voltage
V (BR)EBO
12
—
Vdc
(I E = 10 µAdc, I C = 0)
Collector Cutoff Current
I CES
—
1.0
µAdc
( V CE = 25Vdc, I B = 0)
Collector Cutoff Current
I CBO
—
50
nAdc
( V CB = 30Vdc, I E = 0)
Emitter Cutoff Current
I EBO
—
50
nAdc
( V EB = 10Vdc, I C= 0)
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
.
Ordering Information
Device
Marking
Shipping
MMBT6427
1V
3000/Tape&Reel
We declare that the material of product
compliance with RoHS requirements.
1
3
2
SEMICONDUCTOR
TECHNICAL DATA
MMBT6427
2018. 09. 18
1/6
Revision No : 0


Similar Part No. - MMBT6427

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
MMBT6427 FAIRCHILD-MMBT6427 Datasheet
93Kb / 2P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBT6427 DIODES-MMBT6427 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 3 - 2
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
NPN Transistors Darlington Amplifier
logo
Diodes Incorporated
MMBT6427-7 DIODES-MMBT6427-7 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 3 - 2
More results

Similar Description - MMBT6427

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC618 MOTOROLA-BC618 Datasheet
208Kb / 6P
Darlington Transistors
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
111Kb / 8P
Darlington Transistors
February, 2001 ??Rev.1
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
Darlington Transistors
March, 2001 ??Rev. 1
logo
List of Unclassifed Man...
TIP120 ETC2-TIP120 Datasheet
403Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G_09 Datasheet
131Kb / 4P
Darlington Transistors
August, 2009 ??Rev. 4
BC517 ONSEMI-BC517_07 Datasheet
82Kb / 6P
Darlington Transistors
March, 2007 ??Rev. 4
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
Darlington Transistors
October, 2016 ??Rev. 6
logo
Leshan Radio Company
LMBTA64LT1G LRC-LMBTA64LT1G Datasheet
131Kb / 3P
Darlington Transistors
logo
First Silicon Co., Ltd
MMBTA64 FS-MMBTA64 Datasheet
244Kb / 3P
Darlington Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com