| Electronic Components Datasheet Search |
|
XRT7250 Datasheet(PDF) 432 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Datasheet(HTML) 432 Page - Exar Corporation |
|
432 / 463 page ![]() áç áç áç áç XRT7250 DS3/E3 FRAMER IC REV. 1.1.1 413 Within the Receive Section of the XRT7250, the Re- ceive Payload Data Output Interface block has been designed to handle the payload bits. Likewise, the Receive Overhead Data Output Interface block has been designed to handle and process the overhead bits. The Receive Overhead Data Output Interface block unconditionally outputs the contents of all overhead bits. The XRT7250 does not offer the user a means to shut off this transmission of data. However, the Receive Overhead Output Interface block does pro- vide the user with the appropriate output signals for external Data Link Layer equipment to sample and process these overhead bits, via the following two methods. • Method 1- Using the RxOHClk clock signal. • Method 2 - Using the RxClk and RxOHEnable out- put signals. Each of these methods are described below. 6.3.4.1 Method 1 - Using the RxOHClk Clock signal The Receive Overhead Data Output Interface block consists of four (4) signals. Of these four signals, the following three signals are to be used when sampling the E3 overhead bits via Method 1. • RxOH • RxOHClk • RxOHFrame Each of these signals are listed and described below in Table 87. Interfacing the Receive Overhead Data Output In- terface block to the Terminal Equipment (Method 1) Figure 204 illustrates how one should interface the Receive Overhead Data Output Interface block to the Terminal Equipment when using Method 1, to sample and process the overhead bits from the Inbound E3 data stream. Method 1 Operation of the Terminal Equipment If the Terminal Equipment intends to sample any overhead data from the Inbound E3 data stream (via the Receive Overhead Data Output Interface block) then it is expected to do the following: FIGURE 204. ILLUSTRATION OF HOW TO INTERFACE THE TERMINAL EQUIPMENT TO THE RECEIVE OVERHEAD DATA OUTPUT INTERFACE BLOCK (FOR METHOD 1). Terminal Equipment XRT7250 E3 Framer IC RxOHClk E3_OH_Clock_In RxOH RxOHFrame E3_OH_In Rx_Start_of_Frame |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |