Electronic Components Datasheet Search
  English  ▼

X  

FMS2013 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2013
Description  SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2013 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2013 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2013 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2013 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2013 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2013 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary Data Sheet 2.1
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filss.com
Website: www.filcs.com
FMS2013
SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
Features:
♦ Available as RF Known Good Die
♦ Excellent low control voltage performance
♦ Excellent harmonic performance
♦ Very high isolation >49dB typ. up to 4GHz
♦ Very low Tx Insertion loss <1.0 dB at 4GHz
Description and Applications:
The FMS2013 is a low loss, high power, linear single-pole double-throw Gallium Arsenide switch
designed for general purpose applications over the frequency range DC-4GHz. The die is fabricated
using the Filtronic FL05 0.5
µm switch process technology which offers market leading performance
optimised for switch applications.
Electrical Specifications: (T
OP = 25°C,Vctrl = 0V/2.5V, ZIN = ZOUT = 50Ω)
Parameter
Test Conditions
Min
Typ
Max
Units
Tx Insertion Loss
4GHz
1.0
dB
Rx Insertion Loss
4GHz
1.0
dB
Return Loss
4GHz
15
dB
VSWR On State
4GHz
1:1.3
VSWR Off State
4GHz
1:1.4
Isolation at 4 GHz
4GHz
49
dB
2nd Harmonic Level
3GHz, Pin = 21dBm, Vctrl = 3V
3GHz, Pin = 27dBm, Vctrl = 5V
-72
-68
dBc
dBc
Switching speed
Pin = 21dBm, 10% to 90% RF
30
ns
Note: External DC blocking capacitors are required on all RF ports (typ: 47pF).
Functional Schematic
RFIN
V2
V1
RF02
RF01
RFIN
V2
V1
RF02
RF01


Similar Part No. - FMS2013

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2010 FILTRONIC-FMS2010 Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2010-000-EB FILTRONIC-FMS2010-000-EB Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2010-000-FF FILTRONIC-FMS2010-000-FF Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2010-000-GP FILTRONIC-FMS2010-000-GP Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2010-000-WP FILTRONIC-FMS2010-000-WP Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
More results

Similar Description - FMS2013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0002 MACOM-SW90-0002 Datasheet
237Kb / 3P
GaAs SPDT Switch, Absorptive, Single Supply, DC - 4 GHz
logo
Stanford Microdevices
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
DC-4 GHz High Isolation GaAs MMIC SPDT Switch
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
logo
M/A-COM Technology Solu...
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
High Isolation, Absorptive SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
High Isolation Absorptive SPDT Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
Absorptive High Isolation SPDT Switch
logo
Teledyne Technologies I...
TDSW020A2T TELEDYNE-TDSW020A2T Datasheet
2Mb / 10P
dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com