Electronic Components Datasheet Search
  English  ▼

X  

FMS2013 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2013
Description  SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2013 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2013 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2013 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2013 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2013 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2013 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet 2.1
2
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filss.com
Website: www.filcs.com
FMS2013
Absolute Maximum Ratings:
Parameter
Symbol
Absolute Maximum
Max Input Power
Pin
+30dBm
Control Voltage
Vctrl
+5V
Operating Temperature
TOP
-40°C to +100°C
Storage Temperature
TOP
-55°C to +150°C
Note: Exceeding any one of these absolute maximum ratings may cause permanent damage to the
device.
Truth Table:
Note:
‘High’
= >2.5V & <5V
‘Low’
= <0.2V
Pad and Die Layout:
Note: Co-ordinates are referenced from the bottom left hand corner of the die to the centre of the
bond pad opening
Die Size (
µm)
Die Thickness
(
µm)
Min. Bond Pad
Pitch (
µm)
Min. Bond pad
Opening (
µm)
870 x 970
150
141
94 x 94
Vctrl1
Vctrl2
RFIN-RF01
RFIN-RF02
High
Low
On
Off
Low
High
Off
On
Pad
Reference
Pad
Name
Description
Pin Coordinates
(
µm)
A
G1
GND1
159 , 286
B
RFI
RFIN
159 , 446
C
C2
Vctrl1
159 , 606
D
C1
Vctrl2
159 , 766
E
RFO1
RFO1
757 , 857
F
G2
GND2
757 , 555
G
G3
GND3
757 , 414
H
RFO2
RFO2
757 , 112
A
B
C
D
E
F
G
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com