Electronic Components Datasheet Search
  English  ▼

X  

IR2010SPBF Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IR2010SPBF
Description  High and Low Side Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2010SPBF Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IR2010SPBF Datasheet HTML 3Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 4Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 5Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 6Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 7Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 8Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 9Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 10Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IR2010(S)PBF
7
www.irf.com
© 2015 International Rectifier
April 14, 2015
Application Information and Additional Details
HIN
LIN
SD
HO
LO
HO
10KF6
0.1µF
HIN
LIN
VSS
LO
VDD
HO
VCC = 15V
10µF
VCC
VB
VS
OUTPUT
MONITOR
SD
COM
100µF
HV = 10 to 200V
0.1µF
+
10KF6
200µH
10KF6
dVS
dt
<50 V/ns
IRF820
Figure 1. Input/Output Timing Diagram
Figure 2. Floating Supply Voltage Transient Test
Circuit
CL
VB
HIN
HO
LIN
0.1µF
0.1µF
HIN
LIN
VSS
LO
VDD
HO
VCC = 15V
CL
10µF
VCC
VB
10µF
VS
VS
+
-
15V
LO
SD
SD
COM
10µF
(0 to 200V)
HO
LO
50%
50%
10%
10%
90%
90%
ton
tr
toff
tf
HIN
LIN
Figure 3. Switching Time Test Circuit
Figure 4. Switching Time Waveform Definition
HO
LO
SD
50%
tsd
90%
50%
50%
10%
90%
HIN
LIN
MT
LO
HO
MT
LO
HO
Figure 5. Shutdown Waveform Definitions
Figure 6. Delay Matching Waveform Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com