Electronic Components Datasheet Search
  English  ▼

X  

IR2010SPBF Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IR2010SPBF
Description  High and Low Side Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2010SPBF Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IR2010SPBF Datasheet HTML 9Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 10Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 11Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 12Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 13Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 14Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 15Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 16Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
IR2010(S)PBF
13
www.irf.com
© 2015 International Rectifier
April 14, 2015
Figure 20B. Logic “1” Input Current vs. V
DD Voltage
Fig
ure 21A. Logic “0” Input Current vs.
Temperature
Figure 21B. Logic “0” Input Current vs. V
DD Voltage
Figure 22. VBS Undervoltage (+) vs. Temperature
Figure 23. VBS Undervoltage (-) vs. Temperature
Figure 24. VCC Undervoltage (+) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com