Electronic Components Datasheet Search
  English  ▼

X  

IR2233 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IR2233
Description  3-PHASE BRIDGE DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2233 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IR2233 Datasheet HTML 5Page - Infineon Technologies AG IR2233 Datasheet HTML 6Page - Infineon Technologies AG IR2233 Datasheet HTML 7Page - Infineon Technologies AG IR2233 Datasheet HTML 8Page - Infineon Technologies AG IR2233 Datasheet HTML 9Page - Infineon Technologies AG IR2233 Datasheet HTML 10Page - Infineon Technologies AG IR2233 Datasheet HTML 11Page - Infineon Technologies AG IR2233 Datasheet HTML 12Page - Infineon Technologies AG IR2233 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
www.irf.com
9
M ax.
Typ.
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (oC)
Fiure 8A. Turn-On Rise Time vs.Temperature
Typ.
M ax.
0
50
100
150
200
250
10
12.5
15
17.5
20
Supply Voltage (V)
Fiure 8B. Turn-On Rise Time vs.Voltage
Typ.
M ax.
0
30
60
90
120
150
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 9A. Turn-Off Fall Time vs. Temperature
Typ.
M ax.
0
30
60
90
120
150
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 9B. Turn-Off Fall Time vs. Voltage
Min.
Typ.
M ax.
0
300
600
900
1200
1500
-50-25
0
25
50
75100
125
Temperature (oC)
Figure 10A. SD to Output shutdown Time
vs. Temperature
Min.
Typ.
M ax.
0
300
600
900
1200
1500
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 10B. SD to Output shutdown Time
vs. Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com