Electronic Components Datasheet Search
  English  ▼

X  

IR2233 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # IR2233
Description  3-PHASE BRIDGE DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2233 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button IR2233 Datasheet HTML 15Page - Infineon Technologies AG IR2233 Datasheet HTML 16Page - Infineon Technologies AG IR2233 Datasheet HTML 17Page - Infineon Technologies AG IR2233 Datasheet HTML 18Page - Infineon Technologies AG IR2233 Datasheet HTML 19Page - Infineon Technologies AG IR2233 Datasheet HTML 20Page - Infineon Technologies AG IR2233 Datasheet HTML 21Page - Infineon Technologies AG IR2233 Datasheet HTML 22Page - Infineon Technologies AG IR2233 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
www.irf.com
19
Min.
Typ.
M ax.
8
10
11
13
14
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 40A. IR2135/IR2235 V
cc Undervoltage
Threshold (+) vs. Temperature
Typ.
M ax.
Min.
6
8
9
11
12
-50-25
0
25
50
75100
125
Temperature (oC)
Figure 40B. IR2133/IR2233 V
cc Undervoltage
Threshold (+) vs. Temperature
Typ.
Min.
M ax.
6
8
9
11
12
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 41A. IR2135/IR2235 V
cc Undervoltage
Threshold (-) vs. Temperature
Typ.
Min.
M ax.
6
8
9
11
12
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 41B. IR2133/IR2233 V
cc Undervoltage
Threshold (-) vs. Temperature
Typ.
M ax.
0
50
100
150
200
-50
-25
0
25
50
75
100
125
Figure 42A. FAULT- Low On Resistance
vs. Temperature
Temperature (oC)
Typ.
M ax.
0
30
60
90
120
150
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 42B. FAULT- Low On Resistance
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com