Electronic Components Datasheet Search
  English  ▼

X  

AMC3306M25 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3306M25
Description  AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3306M25 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC3306M25 Datasheet HTML 12Page - Texas Instruments AMC3306M25 Datasheet HTML 13Page - Texas Instruments AMC3306M25 Datasheet HTML 14Page - Texas Instruments AMC3306M25 Datasheet HTML 15Page - Texas Instruments AMC3306M25 Datasheet HTML 16Page - Texas Instruments AMC3306M25 Datasheet HTML 17Page - Texas Instruments AMC3306M25 Datasheet HTML 18Page - Texas Instruments AMC3306M25 Datasheet HTML 19Page - Texas Instruments AMC3306M25 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
IN
Clipping
Clipping
V
V
2 V
u
ModulatorOutput
AnalogInput
+FS(AnalogInput)
-FS(AnalogInput)
16
AMC3306M25
SBAS996 – MAY 2020
www.ti.com
Product Folder Links: AMC3306M25
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Digital Output
A differential input signal of 0 V ideally produces a stream of ones and zeros that are high 50% of the time. A
differential input of 250 mV produces a stream of ones and zeros that are high 89.06% of the time. With 16 bits
of resolution, that percentage ideally corresponds to code 58368. A differential input of –250 mV produces a
stream of ones and zeros that are high 10.94% of the time and ideally results in code 7168 with 16-bit resolution.
These input voltages are also the specified linear range of the AMC3306M25. If the input voltage value exceeds
this range, the output of the modulator shows nonlinear behavior as the quantization noise increases. The output
of the modulator clips with a stream of only zeros with an input less than or equal to –320 mV or with a stream of
only ones with an input greater than or equal to 320 mV. In this case, however, the AMC3306M25 generates a
single 1 (if the input is at negative full-scale) or 0 every 128 clock cycles to indicate proper device function (see
the Output Behavior in Case of a Full-Scale Input section for more details). Figure 10 shows the input voltage
versus the output modulator signal.
Figure 10. Analog Input versus the AMC3306M25 Modulator Output
The density of ones in the output bitstream for any input voltage value can be calculated using Equation 1 (with
the exception of a full-scale input signal, as described in the Output Behavior in Case of a Full-Scale Input
section):
(1)
The AMC3306M25 system clock is provided externally at the CLKIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com