Electronic Components Datasheet Search
  English  ▼

X  

AMC3306M25 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3306M25
Description  AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3306M25 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC3306M25 Datasheet HTML 14Page - Texas Instruments AMC3306M25 Datasheet HTML 15Page - Texas Instruments AMC3306M25 Datasheet HTML 16Page - Texas Instruments AMC3306M25 Datasheet HTML 17Page - Texas Instruments AMC3306M25 Datasheet HTML 18Page - Texas Instruments AMC3306M25 Datasheet HTML 19Page - Texas Instruments AMC3306M25 Datasheet HTML 20Page - Texas Instruments AMC3306M25 Datasheet HTML 21Page - Texas Instruments AMC3306M25 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
DOUT
CLKIN
127 CLKIN cycles
127 CLKIN cycles
VIN ” ±320 mV
VIN • 320 mV
DOUT
CLKIN
High-side supply undervoltage
DOUT
DIAG
Power-up
Normal
Operation
Normal
Operation
18
AMC3306M25
SBAS996 – MAY 2020
www.ti.com
Product Folder Links: AMC3306M25
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.6 Diagnostic Output
As shown in Figure 12, the open-drain DIAG pin can be monitored to confirm the device is operational, and the
output data are valid. During power-up, the DIAG pin is actively held low until the high-side supply is in regulation
and the modulator starts outputting data. The DIAG pin is actively pulled low if:
•
The low-side does not receive data from the high-side (for example, because of a loss of power on the high-
side). The modulator itself outputs a constant bitstream of logic 0's in this case, that is, the DOUT pin is
permanently low.
•
The high-side DC/DC output voltage (DCDC_OUT) or the high-side LDO output voltage (HLDO_OUT) drop
below their respective undervoltage detection thresholds (brown-out). In this case, the low-side may still
receive data from the high-side but the data may not be valid. The modulator itself outputs a constant
bitstream of logic 0's in this case, that is, the DOUT pin is permanently low.
Figure 12. DIAG and Fail-Safe Output of the AMC3306M25
7.4 Device Functional Modes
7.4.1 Output Behavior in Case of a High-Side Supply Failure
The AMC3306M25 provides a fail-safe output that ensures that the output DOUT of the device offers a constant
bitstream of logic 0's in case the integrated DC/DC converter output voltage is below the undervoltage detection
threshold. The Diagnostic Output section provides for more information.
7.4.2 Output Behavior in Case of a Full-Scale Input
If a full-scale input signal is applied to the AMC3306M25 (that is, |VIN| ≥ VClipping), as shown in Figure 13, the
device generates a single one or zero every 128 bits at DOUT, depending on the actual polarity of the signal
being sensed. In this way, detecting a valid full-scale input signal is possible on the system level.
Figure 13. Full-Scale Output of the AMC3306M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com