Electronic Components Datasheet Search
  English  ▼

X  

HCPL-5150 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-5150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5150 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Figure 1. VOH vs. Temperature
Figure 2. IOH vs. Temperature
Figure 3. VOH vs. IOH
Figure 4. VOL vs. Temperature
Figure 5. IOL vs. Temperature
Figure 6. VOL vs. IOL
Figure 7. ICC vs. Temperature
Figure 8. ICC vs. VCC
Figure 9. IFLH vs. Temperature
-4
-3
-2
-1
0
-60
-30
0
30
60
90
120
150
TA - TEMPERATURE -
oC
IF = 10 to 18mA
IO = 100 mA
VCC = 15 to 30V
VEE = 0V
0.68
0.70
0.72
0.74
0.76
0.78
0.80
0.82
-100
-50
0
50
100
150
TA - TEMPERATURE -
oC
IF = 10 to 18mA
VO= VCC-4V
VCC = 15 to 30V
VEE = 0V
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
IOH - OUTPUT HIGH CURRENT - A
IF = 10 to 18mA
VCC =15 to 30V
VEE = 0V
125
oC
25
oC
-55
oC
VF(OFF) = -3.0 to 0.8V
IO = 100mA
VCC = 15 to 30V
VEE = 0V
TA - TEMPERATURE -
oC
-60
-30
0
30
60
90
120
150
0.7
0.6
0.5
0.4
0.2
0.1
0.3
0
0.8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-60
-30
0
30
60
90
120
150
TA - TEMPERATURE -
oC
VF(OFF) = -3.0 to 0.8V
VOUT = 2.5V
VCC = 15 to 30V
VEE = 0V
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1
IOL - OUTPUT LOW CURRENT - A
125
oC
25
oC
-55
oC
VF(OFF) = -3.0 to 0.8V
VCC = 15 to 30V
VEE = 0V
1.5
2.0
2.5
3.0
3.5
-60
-30
0
30
60
90
120
150
TA - TEMPERATURE -
oC
VCC = 30V
VEE = 0V
IF = 10mA for ICCH
IF = 0mA for ICCL
ICCL
ICCH
1.5
2.0
2.5
3.0
3.5
10
20
30
40
VCC - SUPPLY VOLTAGE - V
IF = 10mA for ICCH
IF = 0mA for ICCL
TA = 25
oC
VEE = 0V
ICCH
ICCL
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-100
-50
0
50
100
150
TA - TEMPERATURE -
oC
VCC = 15 to 30V
VEE = 0V
Output = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com