Electronic Components Datasheet Search
  English  ▼

X  

IR2172 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IR2172
Description  LINEAR CURRENT SENSING IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2172 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IR2172 Datasheet HTML 1Page - Infineon Technologies AG IR2172 Datasheet HTML 2Page - Infineon Technologies AG IR2172 Datasheet HTML 3Page - Infineon Technologies AG IR2172 Datasheet HTML 4Page - Infineon Technologies AG IR2172 Datasheet HTML 5Page - Infineon Technologies AG IR2172 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
IR2171/IR2172
www.irf.com
Application Hint:
Temperature drift of the output carrier frequency can be cancelled by measuring both a PWM period and the on-time
of PWM (Duty) at the same time. Since both periods vary in the same direction, computing the ratio between these
values at each PWM period gives consistent measurement of the current feedback over the temperature drift.
Vin+= -260mV
Vin- = 0V
Vin+= +260mV
Vin- = 0V
Duty=93%
Duty=7%
Carrier Frequency =
40kHz
PO
PO
Timing Waveforms
Figure 1 Output waveform
Figure 2. OC Waveform (2172 only)
+260mV
-260mV
Vin
OC
t
woc
t
doc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com