Electronic Components Datasheet Search
  English  ▼

X  

IR2172 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IR2172
Description  LINEAR CURRENT SENSING IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2172 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IR2172 Datasheet HTML 1Page - Infineon Technologies AG IR2172 Datasheet HTML 2Page - Infineon Technologies AG IR2172 Datasheet HTML 3Page - Infineon Technologies AG IR2172 Datasheet HTML 4Page - Infineon Technologies AG IR2172 Datasheet HTML 5Page - Infineon Technologies AG IR2172 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Block Diagram
Packages
Product Summary
VOFFSET
600Vmax
IQBS
1mA
Vin
+/-260mVmax
Gain temp.drift
20ppm/
o
C (typ.)
fo
40kHz (typ.)
Overcurrent trip
1.5usec (typ)
signal delay (IR2172)
Overcurrent trip level
+/-260mV (typ.)
LINEAR CURRENT SENSING IC
8-Lead PDIP
8-Lead SOIC
Features
• Floating channel up to +600V
• Monolithic integration
• Linear current feedback through shunt resistor
• Direct digital PWM output for easy interface
• Low IQBS allows the boot strap power supply
• Independent fast overcurrent trip signal
• High common mode noise immunity
• Input overvoltage protection for IGBT short circuit
condition
• Open Drain outputs
Description
IR2171/IR2172 are monolithic current sensing IC
designed for motor drive applications. It senses the
motor phase current through an external shunt resistor,
converts from analog to digital signal, and transfers the
signal to the low side. IR’s proprietary high voltage iso-
lation technology is implemented to enable the high
bandwidth signal processing. The output format is dis-
crete PWM to eliminate need for the A/D input interface
for the IR2172. The dedicated overcurrent trip (OC) sig-
nal facilitates IGBT short circuit protection. The open-
drain outputs make easy for any interface from 3.3V to
15V.
Data Sheet No. PD60192 revG
IR2171/IR2172 (S)
(Refer to Lead Assignments for correct pin
configuration). This/These diagram(s)
show electrical connections only. Please
refer to our Application Notes and
DesignTips for proper circuit board layout.
VB
V+
V-
VS
VCC
PO
COM
IR2171/
IR2172
GND
15V
To Motor Phase
PWM Output
Up to 600V
NC (OC 2172)
Overcurrent
IMPORTANT NOTICE:
For new designs we recommend IR’s new products
IR2175, IR2177, IR21771, IR2277 or IR22771.


Similar Part No. - IR2172

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2172 IRF-IR2172 Datasheet
122Kb / 7P
LINEAR CURRENT SENSING IC
IR2172 IRF-IR2172 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
IR2172 IRF-IR2172 Datasheet
126Kb / 7P
LINEAR CURRENT SENSING IC
IR2172S IRF-IR2172S Datasheet
126Kb / 7P
LINEAR CURRENT SENSING IC
More results

Similar Description - IR2172

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2171 IRF-IR2171 Datasheet
149Kb / 7P
LINEAR CURRENT SENSING IC
IR2172 IRF-IR2172 Datasheet
122Kb / 7P
LINEAR CURRENT SENSING IC
IR2175 IRF-IR2175 Datasheet
107Kb / 7P
LINEAR CURRENT SENSING IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
Isolated Linear Sensing IC
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
IR2175PBF IRF-IR2175PBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2175STRPBF IRF-IR2175STRPBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2172S IRF-IR2172S Datasheet
126Kb / 7P
LINEAR CURRENT SENSING IC
IR2175 IRF-IR2175_15 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
logo
Infineon Technologies A...
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com