Electronic Components Datasheet Search
  English  ▼

X  

IP568X Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IP568X
Description  56K V.90 Modem Single Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP568X Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IP568X Datasheet HTML 1Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 2Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 3Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 4Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 5Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IP568x
56K V.90 Modem Single Chip
Preliminary, Specification subject to change without notice
5
Tel: 886-2-26961080
IP568x-DS-P05, Nov, 2002
Fax: 886-2-26961085
Copyright@2002, IC ACE Corp.
Email: sales@icace.com.tw
e. V.44
V.44
New compression scheme that compresses HTML text
for faster web downloads.
IP568x has already combined the V.44 function into its
internal ROM. That means, IP568x don’t need to add any
extra components for this advance function.
Electrical Characteristic
Absolute Maximum Rating
Power supply voltage
-0.5V to 7.0V
Operating temperature under bias
0℃ to 70℃
Storage temperature
-65℃ to 150℃
Applied voltage on any pin
-0.5V≦VIN≦VDD+0.5V
DC Electrical Characteristics
(AVDD3.3V=3.3V±5%, VDD3.3V=3.3V±5% VDD2.5V=2.5V±5%GND=0V, TA=0℃ to 70℃)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD3.3V
Operation Voltage
3.3-5%
3.3
3.3+5%
V
VDD2.5V
Operation Voltage
2.5-5%
2.5
2.5+5%
V
AVDD3.3V
Operation Voltage
3.3-5%
3.3
3.3+5%
V
IDD
Operation Current
TBD
mA
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
+0.8
V
ILI
Input Leakage
-10
10
uA
VIN =0, 3.3V+5%
VOH
Output High Voltage
2.4
V
IOH=-0.5mA
VOL
Output Low Voltage
+0.4
V
IOL=1.5mA
CIN
Input Capacitance
10.0
pF
VILRESET
Reset Schmitt VIL
1.3
V
VIHRESET
Reset Schmitt VIH
2.0
V
Order Information
Part No.
PIN
Notice
IP568x
128 PIN LQFP
External Modem



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com