Electronic Components Datasheet Search
  English  ▼

X  

IP568X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP568X
Description  56K V.90 Modem Single Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP568X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP568X Datasheet HTML 1Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 2Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 3Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 4Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 5Page - List of Unclassifed Manufacturers IP568X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IP568x
56K V.90 Modem Single Chip
Preliminary, Specification subject to change without notice
1
Tel: 886-2-26961080
IP568x-DS-P05, Nov, 2002
Fax: 886-2-26961085
Copyright@2002, IC ACE Corp.
Email: sales@icace.com.tw
Features
Data mode capabilities:
− ITU-T V.90
− ITU-T V.34
− ITU-T V.32bis, V.32
− ITU-T V.22bis,V.22
− ITU-T V.23, V.21
− Bell 212
− Bell 103
FAX mode capabilities:
−ITU-T V.17, V.29, V.27ter, and V.21 Ch 2
−TIA/EIA 578 class 1 FAX
Enhanced voice features:
−Telephone answering machine (TAM)
−Real Audio, 8 bits PCM
−Speakerphone (Option)
Caller identification (caller ID)
V.42 error correction (LAPM and MNP)
V.42bis and MNP class 5 data compression
V.44 data compression
World wide call progress tone detection
ITU V.24, RS-232C serial interface
Operating system support: DOS, Windows 95,
Windows 98, and Windows NT, Windows ME,
Windows 2000, and Windows XP
IS-101 AT+V commands with extensions
TIA/EIA 602 standard for AT command set
DTE speed up to 115200
I/O port for homologation and specific application
Support power down mode
Fully software upgradeable (need external flash
memory)
General Description
The Modem Chip IP568x is a highly integrated, low-cost,
high performance, low-power, a full-function modem
solution. IP568x implements V.90 to achieve Internet
connection rates up to 56Kbps, supporting existing V.34
data mode, video-ready interface, Class 1 FAX, TAM
(Telephone Answer Machine) and Speakerphone
functions. IP568x’s I/O pins allow designer to easily
control DAA or design modem for special application.
IP568x is a
µDSP-based chip designed specifically for
modem application, and it performs high MIPS
operations such as V.90, V.34 and V.32 modulation.
IP568x provides a serial interface for connecting to
codec. IP568x uses high quality design to optimize
modem configuration for line condition and provide
reliable connection with connection rate ranging from
300bps up to 56Kbps. IP568x is the best choice for
designing a modem.
Application
Standalone Modem
Embedded Modem Module
Network Computer
Set-top Box
Video Phone
Order Information
IP568x:
56K V.90 Modem Single Chip
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
28
30
27
29
102
97
96
101
98
95
94
92
93
91
100
99
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
31
32
33
34
35
36
37
38
72
71
70
69
68
67
66
65
IP568x 128Pin LQFP
System Block Diagram
Σ−∆
A/D,D/A
Converter
Memory
Interface
I/O Logic
RS-232C
Interface
µDSP
Internal
Memory
PLL1
PLL2
I/O Port
IP568x
RS-232C
Interface
Tx
Rx
Speaker
External
Memory
Interface
(Option)


Similar Part No. - IP568X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP56 BEL-IP56 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
STEGO Elektrotechnik Gm...
IP56 STEGO-IP56 Datasheet
277Kb / 1P
HOSE-PROOF HOOD
11.09.2017
logo
Seme LAB
IP5661 SEME-LAB-IP5661 Datasheet
34Kb / 4P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
IP5661C SEME-LAB-IP5661C Datasheet
34Kb / 4P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
More results

Similar Description - IP568X

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
V.22 BIS SINGLE CHIP MODEM
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
Filtran LTD
6647 FILTRAN-6647 Datasheet
87Kb / 1P
V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
V.90 Modem Transformer
7197 FILTRAN-7197 Datasheet
183Kb / 1P
V.90 Modem transformer
7250 FILTRAN-7250 Datasheet
118Kb / 1P
V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
V.90 Modem Transformer
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
V.22bis Single Chip Modem
January 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com