Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 136 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 136 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 132Page - Infineon Technologies AG TLE9461ES Datasheet HTML 133Page - Infineon Technologies AG TLE9461ES Datasheet HTML 134Page - Infineon Technologies AG TLE9461ES Datasheet HTML 135Page - Infineon Technologies AG TLE9461ES Datasheet HTML 136Page - Infineon Technologies AG TLE9461ES Datasheet HTML 137Page - Infineon Technologies AG TLE9461ES Datasheet HTML 138Page - Infineon Technologies AG TLE9461ES Datasheet HTML 139Page - Infineon Technologies AG TLE9461ES Datasheet HTML 140Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 136 / 140 page
background image
Datasheet
136
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
Application Information
14.3
Thermal Behavior of Package
Figure 48 Thermal Resistance (Rth_JA) vs. Cooling Area
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
900
1000
Bottom Cooling Area (mm²)
2s2p - 15 Vias, Ta = 125°C
2s2p - 15 Vias, Ta = 85°C
2s2p - 15 Vias, Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com