Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 137 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 137 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 132Page - Infineon Technologies AG TLE9461ES Datasheet HTML 133Page - Infineon Technologies AG TLE9461ES Datasheet HTML 134Page - Infineon Technologies AG TLE9461ES Datasheet HTML 135Page - Infineon Technologies AG TLE9461ES Datasheet HTML 136Page - Infineon Technologies AG TLE9461ES Datasheet HTML 137Page - Infineon Technologies AG TLE9461ES Datasheet HTML 138Page - Infineon Technologies AG TLE9461ES Datasheet HTML 139Page - Infineon Technologies AG TLE9461ES Datasheet HTML 140Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 137 / 140 page
background image
Datasheet
137
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
Application Information
Figure 49 Board Setup
Board setup is defined according JESD 51-2, -5, -7.
Board: 75 x 75 x 1.5mm3 with 2 inner copper layers (35µm thick), with thermal via array under the exposed pad
contacting the first inner copper layer and 300mm2 cooling area on the bottom layer (70µm).
14.4
Further Application Information
• Please contact us for information regarding the pin FMEA
• For further information you may contact http://www.infineon.com/
PCB (top view)
PCB (bottom view)
Detail SolderArea
70µm modelled (traces)
35µm, 90% metalization*
35µm, 90% metalization*
70µm / 5% metalization + cooling area
*: means percentual Cu metalization on each layer
Cross Section (JEDEC 1s0p) with Cooling Area
Cross Section (JEDEC 2s2p) with Cooling Area
PCB attached at Housing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com