Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 133 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 133 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 129Page - Infineon Technologies AG TLE9461ES Datasheet HTML 130Page - Infineon Technologies AG TLE9461ES Datasheet HTML 131Page - Infineon Technologies AG TLE9461ES Datasheet HTML 132Page - Infineon Technologies AG TLE9461ES Datasheet HTML 133Page - Infineon Technologies AG TLE9461ES Datasheet HTML 134Page - Infineon Technologies AG TLE9461ES Datasheet HTML 135Page - Infineon Technologies AG TLE9461ES Datasheet HTML 136Page - Infineon Technologies AG TLE9461ES Datasheet HTML 137Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 140 page
background image
Datasheet
133
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
Application Information
Table 30
Bill of Material for Simplified Application Diagram
Ref.
Typical Value
Purpose / Comment
Capacitances
C2
68µF
Buffering capacitor to cut off battery spikes, value depending on
application requirements
C3
100nF ceramic
EMC, blocking capacitor, ceramic X7R or equivalent, ESR < 50mΩ
C4
2.2µF low ESR
Blocking capacitor, min. 1µF for stability and max. 47µF recommended
C5
100nF ceramic
Spike filtering, ceramic X7R or equivalent, ESR < 50 mΩ to improve
stability of supply for microcontroller; not needed for SBC
C6
2.2µF low ESR
Blocking capacitor, min. 470nF for stability;
if used for CAN supply place a 100nF ceramic capacitor in addition very
close to VCAN pin for optimum EMC behavior
C7
4.7nF / OEM dependent Split termination stability
C8,9
10nF
Spike filtering, as required by application,
mandatory protection for off-board connections, (see also Simplified
Application Diagram with the Alternative Measurement Function)
C10
22nF
As required by application and GPIO current capability (see also
Chapter 11.1.2), mandatory protection for off-board connections
Resistances
R1
1kΩ
Device protection against reverse battery
R2
60Ω / OEM dependent
CAN bus termination
R3
60Ω / OEM dependent
CAN bus termination
R4
10kΩ
Wetting current of the switch, as required by application
R5,6
10kΩ
WK pin current limitation, e.g. for ISO pulses (see also Simplified
Application Diagram with the Alternative Measurement Function)
R7, 8
depending on
application
and microcontroller
Voltage Divider resistor to adjust measurement voltage to
microcontroller ADC input range (see also Simplified Application
Diagram with the Alternative Measurement Function)
R9
10Ω
As required by application, ESD protection, mandatory protection for
off-board connections only
R10, 11 47kΩ
Reverse battery protection
R12
100kΩ
Leakage discharge resistor
Active Components
D1
e.g. BAS 3010A, Infineon Reverse polarity protection for VS supply pins
D2
e.g. BAS 21, Infineon
Reverse battery protection
D3
12V Zener Diode
Gate protection
D4
e.g. BAS 21, Infineon
Reverse battery protection for measurement circuitry
D5
e.g. LED
circuit example: Illumination LED
T1
e.g. IPB80N04S4-04
Terminal 30 (Kl. 30) Switch, N-MOSFET
T2
e.g. IPB80N04S4-04
Reverse battery protection, N-MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com