Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 129 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 129 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 125Page - Infineon Technologies AG TLE9461ES Datasheet HTML 126Page - Infineon Technologies AG TLE9461ES Datasheet HTML 127Page - Infineon Technologies AG TLE9461ES Datasheet HTML 128Page - Infineon Technologies AG TLE9461ES Datasheet HTML 129Page - Infineon Technologies AG TLE9461ES Datasheet HTML 130Page - Infineon Technologies AG TLE9461ES Datasheet HTML 131Page - Infineon Technologies AG TLE9461ES Datasheet HTML 132Page - Infineon Technologies AG TLE9461ES Datasheet HTML 133Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 140 page
background image
Datasheet
129
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
Application Information
14
Application Information
Note:
The following information is given as a hint for the implementation of the device only and shall not
be regarded as a description or warranty of a certain functionality, condition or quality of the device.
14.1
Application Diagrams
Figure 44 TLE9461ES Application Diagram
Notes
1. This is a very simplified example of an application circuit. The function must be always verified in the real
application.
2. Reverse polarity protection circuitry (D2, R10, R11) is mandatory for dynamic reverse polarity requirements,
i.e. if load is not to be turned On. To further reduce the quiescent current, a diode can be placed optionally in
series with GND and R11.
VS
C2
S1
VS
C8
R3
CANH
C7
R2
CANL
R5
TLE9461
VBAT
LH
VCC2
D1
µC
TXDCAN
RXDCAN
RO
INT
CLK
CSN
SDI
SDO
VDD
VSS
R4
C3
C4
C6
VS
R12
R10
+
LED Driver & other loads
up to 10A p eak
(reverse polarity protected)
R1
Device protection
against reverse
battery
Reverse battery
switch after Kl. 30
switch because
otherwise not
possible
Opt. gate
protection
VS
VCC1
VCC2
CLK
CSN
SDI
SDO
RSTN
INTN
TEST
TXDCAN
RXDCAN
GND
CANL
CANH
WK/
VSENSE
FO/
GPIO
VS
VS
VCP
VCAN
T1
T2
VS
D3
D2
T3
VIO
LOGIC
State
Machine
CAN cell
R11
Note: Leave TEST pin open or
connected to GND to select SBC user
mode operation. Connect to VCC1 for
SBC Development Mode selection.
VCC2
VCC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com