Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 128 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 128 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 124Page - Infineon Technologies AG TLE9461ES Datasheet HTML 125Page - Infineon Technologies AG TLE9461ES Datasheet HTML 126Page - Infineon Technologies AG TLE9461ES Datasheet HTML 127Page - Infineon Technologies AG TLE9461ES Datasheet HTML 128Page - Infineon Technologies AG TLE9461ES Datasheet HTML 129Page - Infineon Technologies AG TLE9461ES Datasheet HTML 130Page - Infineon Technologies AG TLE9461ES Datasheet HTML 131Page - Infineon Technologies AG TLE9461ES Datasheet HTML 132Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
128
Rev.1.1
2019-09-27
Figure 43 SPI Timing Diagram
Note:
Numbers in drawing correlate to the last 2 digits of the Number field in the Electrical Characteristics
table.
Input Signal Fall Time at pin
SDI, CLK and CSN
tfIN
–
–
50
ns
–
P_16.7.22
Delay Time for Mode Changes tDel,Mode
––
6
µs
2) includesinternal
oscillator
tolerance
P_16.7.23
CSN High Time
tCSN(High)
3
–
–
µs
–
P_16.7.24
Data Output Timing1)
SDO Rise Time
trSDO
–30
80
ns
CL = 100 pF
P_16.7.25
SDO Fall Time
tfSDO
–30
80
ns
CL = 100 pF
P_16.7.26
SDO Enable Time
tENSDO
–
–
50
ns
low impedance
P_16.7.27
SDO Disable Time
tDISSDO
–
–
50
ns
high impedance
P_16.7.28
SDO Valid Time
tVASDO
––
50
ns
CL = 100 pF
P_16.7.29
1) Not subject to production test; specified by design
2) Applies to all mode changes triggered via SPI commands
Table 29
Electrical Characteristics (cont’d)
VS = 5.5 V to 28 V, Tj = -40°C to +150°C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
CSN
CLK
SDI
SDO
14
13
not defined
LSB
MSB
Flag
LSB
MSB
16
27
29
19
17
28
24
20
15
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com