Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 124 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 124 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 120Page - Infineon Technologies AG TLE9461ES Datasheet HTML 121Page - Infineon Technologies AG TLE9461ES Datasheet HTML 122Page - Infineon Technologies AG TLE9461ES Datasheet HTML 123Page - Infineon Technologies AG TLE9461ES Datasheet HTML 124Page - Infineon Technologies AG TLE9461ES Datasheet HTML 125Page - Infineon Technologies AG TLE9461ES Datasheet HTML 126Page - Infineon Technologies AG TLE9461ES Datasheet HTML 127Page - Infineon Technologies AG TLE9461ES Datasheet HTML 128Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
124
Rev.1.1
2019-09-27
Note:
WK_LVL_STAT is updated in SBC Normal and Stop Mode and also in SBC Init and Restart Mode. See
below for exceptions. In Cyclic Sense or wake mode, the registers contain the sampled level, i.e. the
registers are updated after every sampling.
Note:
GPIO_LVL is updated in SBC Normal and Stop Mode and also in SBC Init and Restart Mode if
configured as wake input, low-side switch or high-side switch without Cyclic Sense (in case of FO
configuration the status is flagged with the FAILURE bit). In case the respective feature is disabled
then the WK_LVL_STAT bit will not be updated.
Note:
In case the HV measurement function is enabled (WK_MEAS=1), then the bits WK_LVL and GPIO_LVL
are not updated and reset.
WK_LVL_STAT
WK Input Level (Address 100 1000B)
POR / Soft Reset Value: xx0x 000xB;
Restart Value: xx0x 000xB
76
54
32
10
SBC_DEV_LVL CFG0_STATE
Reserved
GPIO_LVL
Reserved
WK_LVL
rr
rr
r
r
Field
Bits
Type
Description
SBC_DEV
_LVL
7r
Status of SBC Operating Mode at TEST Pin
0B
, User Mode activated
1B
, SBC Development Mode activated
CFG0_STATE 6r
Device Configuration Status on pin INTN
0B
, No external pull-up resistor connected on INTN (Config 2/4)
1B
, External pull-up resistor connected on INTN (Config 1/3)
Reserved
5r
Reserved, always reads as 0
GPIO_LVL
4r
Status of GPIO if configured as GPIO (WK, LS or HS function)
0B
, Low Level (=0)
1B
, High Level (=1)
Reserved
3:1
r
Reserved, always reads as 0
WK_LVL
0r
Status of WK
0B
, Low Level (=0)
1B
, High Level (=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com