Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 120 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 120 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 116Page - Infineon Technologies AG TLE9461ES Datasheet HTML 117Page - Infineon Technologies AG TLE9461ES Datasheet HTML 118Page - Infineon Technologies AG TLE9461ES Datasheet HTML 119Page - Infineon Technologies AG TLE9461ES Datasheet HTML 120Page - Infineon Technologies AG TLE9461ES Datasheet HTML 121Page - Infineon Technologies AG TLE9461ES Datasheet HTML 122Page - Infineon Technologies AG TLE9461ES Datasheet HTML 123Page - Infineon Technologies AG TLE9461ES Datasheet HTML 124Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
120
Rev.1.1
2019-09-27
Notes
1. The MSB of the POR/Soft Reset value is marked as ‘y’: the default value of the POR bit is set after Power-on
reset (POR value = 1000 0000). However it is cleared after a SBC Soft Reset command (Soft Reset value =
0000 0000).
2. During Sleep Mode, the bits VCC1_SC, VCC1_OV and VCC1_UV will not be set when VCC1 is Off
3. The VCC1_UV bit is never updated in SBC Restart Mode, in SBC Init Mode it is only updated after RSTN was
released, it is always updated in SBC Normal and Stop Mode, and it is always updated in any SBC modes in a
VCC1_SC condition (after VCC1_UV = 1 for >2ms).
SUP_STAT_0
Supply Voltage Fail Status (Address 100 0001B)
POR / Soft Reset Value: y000 0000B;
Restart Value: x00x xx0xB
76
54
32
10
POR
Reserved
VCC2_OT
VCC2_UV
VCC1_SC
Reserved
VCC1_UV
rc
r
rcrcrc
r
rc
Field
Bits
Type
Description
POR
7rc
Power-On Reset Detection
0B
, No POR
1B
, POR occurred
Reserved
6:5
r
Reserved, always reads as 0
VCC2_OT
4rc
VCC2 Over Temperature Detection
0B
, No over temperature
1B
, VCC2 over temperature detected
VCC2_UV
3rc
VCC2 Under Voltage Detection (VCC2,UV,f)
0B
, No VCC2 Under voltage
1B
, VCC2 under voltage detected
VCC1_SC
2rc
VCC1 Short to GND Detection (<Vrtx for t>2ms after switch On)
0B
, No short
1B
, VCC1 short to GND detected
Reserved
1r
Reserved, always reads as 0
VCC1_UV
0rc
VCC1 UV-Detection (due to Vrtx reset)
0B
, No VCC1_UV detection
1B
, VCC1 UV-Fail detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com