Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 116 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 116 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 112Page - Infineon Technologies AG TLE9461ES Datasheet HTML 113Page - Infineon Technologies AG TLE9461ES Datasheet HTML 114Page - Infineon Technologies AG TLE9461ES Datasheet HTML 115Page - Infineon Technologies AG TLE9461ES Datasheet HTML 116Page - Infineon Technologies AG TLE9461ES Datasheet HTML 117Page - Infineon Technologies AG TLE9461ES Datasheet HTML 118Page - Infineon Technologies AG TLE9461ES Datasheet HTML 119Page - Infineon Technologies AG TLE9461ES Datasheet HTML 120Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
116
Rev.1.1
2019-09-27
Note:
A frequency change will become effective after the previous period is completed
Notes
1. In case the CFG_LOCK_1 bit is set, then the soft reset value is like the Restart value., i.e. the configuration
stays unchanged.
PWM_FREQ_CTRL
PWM Frequency Configuration Control (Address 001 1100B)
POR / Soft Reset Value: 0000 0000B;
Restart Value: 0000 00xxB
76
54
32
10
Reserved
PWM_FREQ
rrw
Field
Bits
Type
Description
Reserved
7:2
r
Reserved, always reads as 0
PWM_FREQ 1:0
rw
Spread Spectrum Modulation Frequency Setting
00B , 100Hz configuration
01B , 200Hz configuration
10B , 325Hz configuration
11B , 400Hz configuration
HW_CTRL_3
Hardware Control 3 (Address 001 1101B)
POR Value: 0000 0001B;
Restart Value/Soft Reset Value: 0000 0xxxB
76
54
32
10
Reserved
TSD_THR
ICC1_LIM_ADJ
rrwl
rwl
Field
Bits
Type
Description
Reserved
7:3
r
Reserved, always reads as 0
TSD_THR
2rwl
Thermal Shutdown Threshold (TSD1 & TSD2) Configuration
0B
, Default shutdown threshold selected
1B
, higher shutdown threshold selected
ICC1_LIM_A
DJ
1:0
rwl
Configuration of ICC1 current limitation
00B , 1 step down from default value (-25% of typ. default)
01B , default value (typ. 1000mA)
10B , 1 step up form default value (+20% of default), setting not
recommended
11B , 2 steps up from default value (+50% of default), setting not
recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com