Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 115 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 115 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 111Page - Infineon Technologies AG TLE9461ES Datasheet HTML 112Page - Infineon Technologies AG TLE9461ES Datasheet HTML 113Page - Infineon Technologies AG TLE9461ES Datasheet HTML 114Page - Infineon Technologies AG TLE9461ES Datasheet HTML 115Page - Infineon Technologies AG TLE9461ES Datasheet HTML 116Page - Infineon Technologies AG TLE9461ES Datasheet HTML 117Page - Infineon Technologies AG TLE9461ES Datasheet HTML 118Page - Infineon Technologies AG TLE9461ES Datasheet HTML 119Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
115
Rev.1.1
2019-09-27
Notes
1. The Restart and Soft Reset Value depends on the respective GPIO configuration. Therefore the bit type is also
‘rwhl’ and the restart value is ‘y’. See also Table 22 in Chapter 11.1.2 for more information on the GPIO
behavior for the different SBC modes and Restart behavior.
2. In case the CFG_LOCK_0 bit is set, then the soft reset value is like the Restart value.
3. If GPIO is configured as a wake input, then it is a default wake source in SBC Fail-Safe Mode .
Notes
1. 0% and 100% duty cycle settings are used to have the switch turned On or Off respectively.
2. A new duty cycle configuration will become effective after the previous period is completed.
3. The desired duty cycle should be set first before GPIO is enabled as PWM HS or PWM LS.
GPIO_CTRL
GPIO Configuration Control (Address 001 0111B)
POR Value: 0000 0000B;
Restart Value/Soft Reset Value: 0000 0yyyB
76
54
32
10
Reserved
GPIO
rrwhl
Field
Bits
Type
Description
Reserved
7:3
r
Reserved, always reads as 0
GPIO
2:0
rwhl
GPIO Configuration
000B , FO selected (default)
001B , FO selected
010B , FO selected
011B , High-Side controlled by TIMER (Cyclic Sense)
100B , Off
101B , Wake input enabled (16us static filter)
110B , Low-Side Switch controlled by PWM
111B , High-Side Switch controlled by PWM
PWM_CTRL
PWM Configuration Control (Address 001 1000B)
POR / Soft Reset Value: 0000 0000B;
Restart Value: xxxx xxxxB
76
54
32
10
PWM_DC
rw
Field
Bits
Type
Description
PWM_DC
7:0
rw
PWM Duty Cycle Setting (bit0 = LSB; bit7 = MSB)
0000 0000B, 100% Off, i.e. HS/LS = Off
xxxx xxxxB, On with duty cycle fraction of 255
1111 1111B, 100% On, i.e. HS/LS always On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com