Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 113 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 113 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 109Page - Infineon Technologies AG TLE9461ES Datasheet HTML 110Page - Infineon Technologies AG TLE9461ES Datasheet HTML 111Page - Infineon Technologies AG TLE9461ES Datasheet HTML 112Page - Infineon Technologies AG TLE9461ES Datasheet HTML 113Page - Infineon Technologies AG TLE9461ES Datasheet HTML 114Page - Infineon Technologies AG TLE9461ES Datasheet HTML 115Page - Infineon Technologies AG TLE9461ES Datasheet HTML 116Page - Infineon Technologies AG TLE9461ES Datasheet HTML 117Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
113
Rev.1.1
2019-09-27
Notes
1. See also Chapter 12.5 for selection of VCC1 undervoltage hysteresis
2. See also Chapter 12.8 for minimum waiting time in case of an TSD2 event
3. The bit CFG_LOCK_0 is used to prevent an unintentional modification of the charge pump activation bit
CP_EN and the GPIO configuration bits GPIO. In case the charge pump output state or the GPIO configuration
must be changed then it is necessary to clear CFG_LOCK_0. The other lockable bits are controlled by the lock
bit CFG_LOCK_1. In case either lock bit is set then the respective locked bits cannot be changed by a soft reset.
Therefore, the respective soft reset values are marked as ‘y’.
4. In case CFG_LOCK_1 bit are set, then the respective soft reset value is like the Restart value.
HW_CTRL_1
Hardware Control 1 (Address 000 1110B)
POR / Soft Reset Value: y0yy y000B;
Restart Value: x0xx x000B
76
54
32
10
RSTN_HYS
Reserved
TSD2_DEL
RSTN_DEL CFG_LOCK_0
Reserved
rwl
r
rwl
rwl
rw
r
Field
Bits
Type
Description
RSTN_HYS
7rwl
VCC1 Undervoltage Reset Hysteresis Selection (see also
Chapter 12.5.1 for more information)
0B
, default hysteresis applies as specified in the electrical
characteristics table
1B
, the highest rising threshold (Vrt1,r) is always used for the
release of the undervoltage reset
Reserved
6r
Reserved, always reads as 0
TSD2_DEL
5rwl
TSD2 Minimum Waiting Time Selection
0B
, Minimum waiting time until TSD2 is released again is always
1s
1B
, Minimum waiting time until TSD2 is released again is 1s,
after >16 consecutive TSD2 events, it is extended to x64
RSTN_DEL
4rwl
Reset Delay Time Selection
0B
, The extended reset delay time tRD1is selected (default)
1B
, The reduced tRD2 reset delay time is selected
CFG_LOCK_0 3rw
Configuration Lock Bit - Level 0
0B
, CP_EN and GPIO can be modified
1B
, CP_EN and GPIO is locked and cannot be modified
Reserved
2:0
r
Reserved, always reads as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com