Electronic Components Datasheet Search
  English  ▼

X  

TLE9461ES Datasheet(PDF) 109 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 109 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 105Page - Infineon Technologies AG TLE9461ES Datasheet HTML 106Page - Infineon Technologies AG TLE9461ES Datasheet HTML 107Page - Infineon Technologies AG TLE9461ES Datasheet HTML 108Page - Infineon Technologies AG TLE9461ES Datasheet HTML 109Page - Infineon Technologies AG TLE9461ES Datasheet HTML 110Page - Infineon Technologies AG TLE9461ES Datasheet HTML 111Page - Infineon Technologies AG TLE9461ES Datasheet HTML 112Page - Infineon Technologies AG TLE9461ES Datasheet HTML 113Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
109
Rev.1.1
2019-09-27
Notes
1. The reset values for the CAN transceivers are marked with ‘y’ because they will vary depending on the cause
of change - see below.
2. see Figure 19 for detailed state changes of CAN Transceiver for different SBC modes.
3. Failure Handling Mechanism: When the device enters Fail-Safe Mode due to a failure (TSD2, WD-Failure,...),
then BUS_CTRL_0 is modified by the SBC to ‘0000 0001’ to ensure that the device can be woken again. See
also the description of WK_CTRL_1 for other wake sources when entering SBC Fail-Safe Mode.
4. When in SBC Development Mode the POR/Soft Reset value of CAN = ‘011’
Note:
WD_STM_EN_1 will also be cleared when changing from SBC Stop to Normal Mode
BUS_CTRL_0
Bus Control 0 (Address 000 0100B)
POR / Soft Reset Value: 0000 0000B;
Restart Value: 0000 00yyB
76
54
32
10
Reserved
CAN
rrwh
Field
Bits
Type
Description
Reserved
7:2
r
Reserved, always reads as 0
CAN
1:0
rwh
HS-CAN Module Modes
00B , CAN Off
01B , CAN is Wake Capable
10B , CAN Receive Only Mode
11B , CAN Normal Mode
WK_CTRL_0
Internal Wake Input Control (Address 000 0110B)
POR / Soft Reset Value: 0000 0000B;
Restart Value: 0x00 0000B
76
54
32
10
Reserved
TIMER_WK_EN
Reserved
WD_STM_EN_1
Reserved
rrw
r
rwh
r
Field
Bits
Type
Description
Reserved
7r
Reserved, always reads as 0
TIMER_WK_
EN
6rw
Timer Wake Source Control (for Cyclic Wake)
0B
, Timer wake-up disabled
1B
, Timer is enabled as a wake source
Reserved
5:3
r
Reserved, always reads as 0
WD_STM_
EN_1
2rwh
Watchdog Deactivation during Stop Mode, bit 1
(Chapter 12.2.4)
0B
, Watchdog is active in Stop Mode
1B
, Watchdog is deactivated in Stop Mode
Reserved
1:0
r
Reserved, always reads as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com